Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA377AIDCKT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA377AIDCKT
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA377AIDCKT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA377AIDCKT Datasheet HTML 7Page - Texas Instruments OPA377AIDCKT Datasheet HTML 8Page - Texas Instruments OPA377AIDCKT Datasheet HTML 9Page - Texas Instruments OPA377AIDCKT Datasheet HTML 10Page - Texas Instruments OPA377AIDCKT Datasheet HTML 11Page - Texas Instruments OPA377AIDCKT Datasheet HTML 12Page - Texas Instruments OPA377AIDCKT Datasheet HTML 13Page - Texas Instruments OPA377AIDCKT Datasheet HTML 14Page - Texas Instruments OPA377AIDCKT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
C
1
0.1 F
m
R
100W
1
(1)
+5V
V
IN
ADS8327
LowPower
16-Bit
500kSPS
C
3
(1)
1.2nF
C4
100nF
+5V
REFIN
-IN
+IN
REF5040
4.096V
+5V
OPA377
C
1
1nF
C
150pF
2
R
3
5.49kW
R
1
5.49kW
R
2
12.4kW
V+
V
OUT
V
IN
OPA377
(V+)/2
OPA377
OPA2377
OPA4377
www.ti.com
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
ACTIVE FILTERING
DRIVING AN ANALOG-TO-DIGITAL
CONVERTER
The
OPA377
series
is
well-suited
for
filter
applications requiring a wide bandwidth, fast slew
The low noise and wide gain bandwidth of the
rate, low-noise, single-supply operational amplifier.
OPA377 family make it an ideal driver for ADCs.
Figure 25 shows a 50kHz, 2nd-order, low-pass filter.
Figure
26
illustrates
the
OPA377
driving
an
The components have been selected to provide a
ADS8327, 16-bit, 250kSPS converter. The amplifier is
maximally-flat Butterworth response. Beyond the
connected as a unity-gain, noninverting buffer.
cutoff
frequency,
roll-off
is
–40dB/dec.
The
Butterworth
response
is
ideal
for
applications
requiring predictable gain characteristics such as the
anti-aliasing filter used ahead of an analog-to-digital
converter (ADC).
(1) Suggested value; may require adjustment based on specific
application.
(2) Initial calibration recommended.
Figure 26. Driving an ADS8327(2)
Figure 25. Second-Order Butterworth 50kHz
Low-Pass Filter
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA377 OPA2377 OPA4377


Similar Part No. - OPA377AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377AIDCKT TI1-OPA377AIDCKT Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results

Similar Description - OPA377AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2377 TI1-OPA2377 Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com