Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2541SM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2541SM
Description  Dual High Power OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2541SM Datasheet(HTML) 5 Page - Texas Instruments

  OPA2541SM Datasheet HTML 1Page - Texas Instruments OPA2541SM Datasheet HTML 2Page - Texas Instruments OPA2541SM Datasheet HTML 3Page - Texas Instruments OPA2541SM Datasheet HTML 4Page - Texas Instruments OPA2541SM Datasheet HTML 5Page - Texas Instruments OPA2541SM Datasheet HTML 6Page - Texas Instruments OPA2541SM Datasheet HTML 7Page - Texas Instruments OPA2541SM Datasheet HTML 8Page - Texas Instruments OPA2541SM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
®
OPA2541
5
Z
LOAD = ∞, VS = ±35V, AV = +1
DYNAMIC RESPONSE
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C and VS = ±35VDC, unless otherwise noted.
pation (total of both amplifiers) times the appropriate ther-
mal resistance—
∆ T
JC = (PD total) (θJC).
Sufficient heat sinking must be provided to keep the case
temperature within safe limits for the maximum ambient
temperature and power dissipation. The thermal resistance
of the heat sink required may be calculated by:
θ
HS = (150°C – ∆ TJC – TA)/PD.
Commercially available heat sinks usually specify thermal
resistance. These ratings are often suspect, however, since
they depend greatly on the mounting environment and air
flow conditions. Actual thermal performance should be
verified by measurement of case temperature under the
required load and environmental conditions.
No insulating hardware is required when using the OPA2541.
Since mica and other similar insulators typically add
0.7
°C/W thermal resistance, this is a significant advantage.
See Burr-Brown Application Note AN-83 for further details
on heat sinking.
SAFE OPERATING AREA
The Safe Operating Area (SOA) curve provides comprehen-
sive information on the power handling abilities of the
OPA2541. It shows the allowable output current as a func-
tion of the voltage across the conducting output transistor
(see Figure 1). This voltage is equal to the power supply
voltage minus the output voltage. For example, as the
amplifier output swings near the positive power supply
voltage, the voltage across the output transistor decreases
and the device can safely provide large output currents
demanded by the load.
INSTALLATION
INSTRUCTIONS
POWER SUPPLIES
The OPA2541 is specified for operation from power sup-
plies up to
±40V. It can also be operated from an unbalanced
or a single power supply so long as the total power supply
voltage does not exceed 80V (70V for “AM” grade). The
power supplies should be bypassed with low series imped-
ance capacitors such as ceramic or tantalum. These should
be located as near as practical to the amplifier’s power
supply pins. Good power amplifier circuit layout is, in
general, like good high-frequency layout. Consider the path
of large power supply and output currents. Avoid routing
these connections near low-level input circuitry to avoid
waveform distortion and instability.
Signal dependent load current can modulate the power
supply voltage with inadequate power supply bypassing.
This can affect both amplifiers’ outputs. Since the second
amplifier’s signal may not be related to the first, this will
degrade the inherent channel separation of the OPA2541.
HEAT SINKING
Most applications will require a heat sink to prevent junction
temperatures from exceeding the 150
°C maximum rating.
The type of heat sink required will depend on the output
signals, power dissipation of each amplifier, and ambient
temperature. The thermal resistance from junction-to-case,
θ
JC, depends on how the power dissipation is distributed on
the amplifier die.
DC output concentrates the power dissipation in one output
transistor. AC output distributes the power dissipation equally
between the two output transistors and therefore has lower
thermal resistance. Similarly, the power dissipation may be
all in one amplifier (worst case) or equally distributed
between the two amplifiers (best case). Thermal resistances
are provided for each of these possibilities. The case-to-
junction temperature rise is the product of the power dissi-
Z
LOAD = 4700pF, VS = ±35V, AV = +1
DYNAMIC RESPONSE


Similar Part No. - OPA2541SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2541SM BURR-BROWN-OPA2541SM Datasheet
140Kb / 8P
   Dual High Power OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541SM

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
   DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
   Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com