Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2631 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2631
Description  Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2631 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2631 Datasheet HTML 6Page - Texas Instruments OPA2631 Datasheet HTML 7Page - Texas Instruments OPA2631 Datasheet HTML 8Page - Texas Instruments OPA2631 Datasheet HTML 9Page - Texas Instruments OPA2631 Datasheet HTML 10Page - Texas Instruments OPA2631 Datasheet HTML 11Page - Texas Instruments OPA2631 Datasheet HTML 12Page - Texas Instruments OPA2631 Datasheet HTML 13Page - Texas Instruments OPA2631 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
OPA2631
10
SBOS067A
TYPICAL PERFORMANCE CURVES: VS = +3V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS /2, unless otherwise noted (see Figure 2).
120
100
80
60
40
20
0
SLEW RATE AND GAIN BANDWIDTH PRODUCT
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
120
100
80
60
40
20
0
Slew Rate
Gain Bandwidth Product
10
9
8
7
6
5
4
3
2
1
0
SUPPLY AND OUTPUT CURRENTS
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
200
180
160
140
120
100
80
60
40
20
0
Quiescent Supply Current
Output Current, Sourcing
Output Current, Sinking


Similar Part No. - OPA2631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2631 TI1-OPA2631 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA2631 TI1-OPA2631 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631U BURR-BROWN-OPA2631U Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2631

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
   SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
   LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221_15 Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com