Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2544T Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2544T
Description  High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2544T Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2544T Datasheet HTML 2Page - Texas Instruments OPA2544T Datasheet HTML 3Page - Texas Instruments OPA2544T Datasheet HTML 4Page - Texas Instruments OPA2544T Datasheet HTML 5Page - Texas Instruments OPA2544T Datasheet HTML 6Page - Texas Instruments OPA2544T Datasheet HTML 7Page - Texas Instruments OPA2544T Datasheet HTML 8Page - Texas Instruments OPA2544T Datasheet HTML 9Page - Texas Instruments OPA2544T Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
OPA2544T
ACTIVE
TO-220
KV
11
25
Green (RoHS &
no Sb/Br)
CU SN
N / A for Pkg Type
OPA2544TG3
ACTIVE
TO-220
KV
11
25
Green (RoHS &
no Sb/Br)
CU SN
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
13-Nov-2008
Addendum-Page 1


Similar Part No. - OPA2544T

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2544T BURR-BROWN-OPA2544T Datasheet
101Kb / 8P
   High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2544T

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
   High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK182 MSK-MSK182 Datasheet
480Kb / 8P
   DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
186HU ETC1-186HU Datasheet
382Kb / 6P
   DUAL HIGH VOLTAGE/VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK186 MSK-MSK186 Datasheet
621Kb / 6P
   DUAL HIGH VOLTAGE/ VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_15 Datasheet
253Kb / 6P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
3308 UTC-3308_09 Datasheet
250Kb / 6P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com