Electronic Components Datasheet Search |
|
OPA2277MDTEP Datasheet(PDF) 11 Page - Texas Instruments |
|
|
OPA2277MDTEP Datasheet(HTML) 11 Page - Texas Instruments |
11 / 24 page V In+ V In- V supply+ V out V supply- OPA2277-EP www.ti.com SBOS700 – DECEMBER 2014 8 Detailed Description 8.1 Overview The OPA2277 is a unity-gain stable, high-precision, and low-noise operational amplifier. OPA2277 operates from ±2- to ±18-V supplies with excellent performance. Unlike most operational amplifiers which are specified at only one supply voltage, the OPA2277 is specified for real-world applications; a single limit applies over the ±5- to ±15-V supply range. High performance is maintained as the amplifiers swing to their specified limit. Because the initial offset voltage (±50- μV max) is so low, user adjustment is usually not required. 8.2 Functional Block Diagram 8.3 Feature Description The OPA2277 precision operational amplifier replaces the industry standard OP-177. It offers improved noise, wider output voltage swing, and is twice as fast with half the quiescent current. Features include ultra-low offset voltage and drift, low bias current, high common-mode rejection, and high power-supply rejection. OPA2277 is easy to use and free from phase inversion and overload problems found in some operational amplifiers. It is stable in unity gain and provides excellent dynamic behavior over a wide range of load conditions. OPA2277 features completely independent circuitry for lowest crosstalk and freedom from interaction, even when overdriven or overloaded. Copyright © 2014, Texas Instruments Incorporated Submit Documentation Feedback 11 |
Similar Part No. - OPA2277MDTEP |
|
Similar Description - OPA2277MDTEP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |