Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA373AIDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA373AIDR
Description  CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA373AIDR Datasheet(HTML) 2 Page - Texas Instruments

  OPA373AIDR Datasheet HTML 1Page - Texas Instruments OPA373AIDR Datasheet HTML 2Page - Texas Instruments OPA373AIDR Datasheet HTML 3Page - Texas Instruments OPA373AIDR Datasheet HTML 4Page - Texas Instruments OPA373AIDR Datasheet HTML 5Page - Texas Instruments OPA373AIDR Datasheet HTML 6Page - Texas Instruments OPA373AIDR Datasheet HTML 7Page - Texas Instruments OPA373AIDR Datasheet HTML 8Page - Texas Instruments OPA373AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
Shutdown
OPA373
SOT23-6
DBV
−40
°C to +125°C
A75
OPA373AIDBVT
Tape and Reel, 250
OPA373AIDBVR
Tape and Reel, 3000
OPA373
SO-8
D
−40
°C to +125°C
OPA373A
OPA373AID
Rails, 100
OPA373AIDR
Tape and Reel, 2500
OPA2373
MSOP-10
DGS
−40
°C to +125°C
AYO
OPA2373AIDGST
Tape and Reel, 250
OPA2373AIDGSR
Tape and Reel, 2500
OPA2373
DFN-10
DRC
−40
°C to +125°C
OCEQ
OPA2373AIDRCT
Tape and Reel, 250
OPA2373AIDRCR
Tape and Reel, 3000
Non-Shutdown
OPA374
SOT23-5
DBV
−40
°C to +125°C
A76
OPA374AIDBVT
Tape and Reel, 250
OPA374AIDBVR
Tape and Reel, 3000
OPA374
SO-8
D
−40
°C to +125°C
OPA274A
OPA374AID
Rails, 100
OPA374AIDR
Tape and Reel, 2500
OPA2374
SOT23-8
DCN
−40
°C to +125°C
ATP
OPA2374AIDCNT
Tape and Reel, 250
OPA2374AIDCNR
Tape and Reel, 3000
OPA2374
SO-8
D
−40
°C to +125°C
OPA2374A
OPA2374AID
Rails, 100
OPA2374AIDR
Tape and Reel, 2500
OPA4374
SO-14
D
−40
°C to +125°C
OPA4374A
OPA4374AID
Rails, 58
OPA4374AIDR
Tape and Reel, 2500
OPA4374
TSSOP-14
PW
−40
°C to +125°C
OPA4374A
OPA4374AIPWT
Tape and Reel, 250
OPA4374AIPWR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
−0.5V to (V+) + 0.5V
. . . . . . . . .
Current(2)
±10mA
. . . . . . . . . . . . . . . . . . .
Output Short-Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails should be current-limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.


Similar Part No. - OPA373AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA373AIDR BURR-BROWN-OPA373AIDR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA373AIDR TI1-OPA373AIDR Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA373AIDRG4 TI1-OPA373AIDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - OPA373AIDR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com