Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2277-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2277-EP
Description  High-Precision, Low-Noise Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277-EP Datasheet(HTML) 4 Page - Texas Instruments

  OPA2277-EP_16 Datasheet HTML 1Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 2Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 3Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 4Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 5Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 6Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 7Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 8Page - Texas Instruments OPA2277-EP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OPA2277-EP
SBOS700 – DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
36
V
Input voltage
(V–) – 0.7
(V+) + 0.7
V
Output short-circuit (to ground)(2)
Continuous
Operating temperature
–55
125
°C
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
Tstg
Storage temperature range
–55
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
One channel per package.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Electrostatic
V(ESD)
V
discharge
Machine model (MM)
±100
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Specified voltage range
±5
±15
V
Operating voltage range
±2
±18
V
TJ
Operating junction temperature
–55
125
°C
7.4 Thermal Information
OPA2277
THERMAL METRIC(1)
D
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
91.9
RθJC(top)
Junction-to-case (top) thermal resistance
39.9
RθJB
Junction-to-board thermal resistance
40.6
°C/W
ψJT
Junction-to-top characterization parameter
3.9
ψJB
Junction-to-board characterization parameter
39.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - OPA2277-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2277-EP TI-OPA2277-EP Datasheet
395Kb / 21P
[Old version datasheet]   OPA2277-EP High-Precision, Low-Noise Operational Amplifier
More results

Similar Description - OPA2277-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227-EP TI1-OPA2227-EP Datasheet
715Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com