Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA344NA/3K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA344NA/3K
Description  LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA344NA/3K Datasheet(HTML) 1 Page - Texas Instruments

  OPA344NA/3K Datasheet HTML 1Page - Texas Instruments OPA344NA/3K Datasheet HTML 2Page - Texas Instruments OPA344NA/3K Datasheet HTML 3Page - Texas Instruments OPA344NA/3K Datasheet HTML 4Page - Texas Instruments OPA344NA/3K Datasheet HTML 5Page - Texas Instruments OPA344NA/3K Datasheet HTML 6Page - Texas Instruments OPA344NA/3K Datasheet HTML 7Page - Texas Instruments OPA344NA/3K Datasheet HTML 8Page - Texas Instruments OPA344NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
FEATURES
q RAIL-TO-RAIL INPUT
q RAIL-TO-RAIL OUTPUT (within 1mV)
q LOW QUIESCENT CURRENT: 150
µA typ
q MicroSIZE PACKAGES
SOT23-5
MSOP-8
TSSOP-14
q GAIN-BANDWIDTH
OPA344: 1MHz, G
1
OPA345: 3MHz, G
5
q SLEW RATE
OPA344: 0.8V/
µs
OPA345: 2V/
µs
q THD + NOISE: 0.006%
APPLICATIONS
q PCMCIA CARDS
q DATA ACQUISITION
q PROCESS CONTROL
q AUDIO PROCESSING
q COMMUNICATIONS
q ACTIVE FILTERS
q TEST EQUIPMENT
DESCRIPTION
The OPA344 and OPA345 series rail-to-rail CMOS
operational amplifiers are designed for precision, low-power,
miniature applications. The OPA344 is unity gain stable,
while the OPA345 is optimized for gains greater than or equal
to five, and has a gain-bandwidth product of 3MHz.
The OPA344 and OPA345 are optimized to operate on a
single supply from 2.5V and up to 5.5V with an input
common-mode voltage range that extends 300mV
beyond the supplies. Quiescent current is only
250
µA (max).
Rail-to-rail input and output make them ideal for driving
sampling analog-to-digital converters. They are also well suited
for general purpose and audio applications and providing I/V
conversion at the output of D/A converters. Single, dual and
quad versions have identical specs for design flexibility.
A variety of packages are available. All are specified for
operation from –40ºC to 85ºC. A SPICE macromodel for
design analysis is available for download from www.ti.com.
OPA345
OPA2345
OPA4345
OPA344
OPA2344
OPA4344
1
2
3
5
4
V+
–In
Out
V–
+In
OPA344, OPA345
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA344, OPA345
SO-8, 8-Pin DIP (OPA344 Only)
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2344, OPA2345
SO-8, MSOP-8, 8-Pin DIP (OPA2344 Only)
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
–V
+In C
–In C
Out C
Out A
–In A
+In A
+V
+In B
–In B
Out B
OPA4344, OPA4345
TSSOP-14, SO-14, 14-PIn DIP (OPA4344 Only)
AD
BC
®
OPA3
42
OPA4
344
OPA3
44
OPA
345
www.ti.com
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
SBOS107A – APRIL 2000 – REVISED AUGUST 2008


Similar Part No. - OPA344NA/3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA344NA/3K BURR-BROWN-OPA344NA/3K Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA344NA/3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com