Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4374 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4374
Description  CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4374 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4374 Datasheet HTML 7Page - Texas Instruments OPA4374 Datasheet HTML 8Page - Texas Instruments OPA4374 Datasheet HTML 9Page - Texas Instruments OPA4374 Datasheet HTML 10Page - Texas Instruments OPA4374 Datasheet HTML 11Page - Texas Instruments OPA4374 Datasheet HTML 12Page - Texas Instruments OPA4374 Datasheet HTML 13Page - Texas Instruments OPA4374 Datasheet HTML 14Page - Texas Instruments OPA4374 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
11
DRIVING ADCs
The OPA373 and OPA374 series op amps are optimized
for driving medium-speed sampling ADCs. The OPA373
and OPA374 op amps buffer the ADC input capacitance
and resulting charge injection, while providing signal gain.
The OPA373 is shown driving the ADS7816 in a basic
noninverting configuration, as shown in Figure 7. The
ADS7816 is a 12-bit, MicroPower sampling converter in
the MSOP-8 package. When used with the low-power,
miniature packages of the OPA373, the combination is
ideal for space-limited, low-power applications. In this
configuration, an RC network at the ADC input can be used
to provide anti-aliasing filtering.
Figure 8 shows the OPA373 driving the ADS7816 in a
speech band-pass filtered data acquisition system. This
small,
low-cost
solution
provides
the
necessary
amplification and signal conditioning to interface directly
with an electret microphone. This circuit will operate with
VS = 2.7V to 5V.
The OPA373 is shown in the inverting configuration
described in Figure 9. In this configuration, filtering may be
accomplished with the capacitor across the feedback
resistor.
ENABLE/SHUTDOWN
OPA373 and OPA374 series op amps typically require
585
µA quiescent current. The enable/shutdown feature of
the OPA373 allows the op amp to be shut off in order to
reduce this current to less than 1
µA.
ADS7816
12−Bit ADC
DCLOCK
D
OUT
CS/SHDN
OPA373
+5V
V
IN
V+
2
+In
3
−In
V
REF
8
4
GND
Serial
Interface
1
0.1
µF
0.1
µF
7
6
5
NOTE: ADC Input = 0 to V
REF
V
IN =0V to 5V for
0V to 5V output.
RC network filters high frequency noise.
500
3300pF
f
SAMPLE =100kHz
Figure 7. The OPA373 in Noninverting Configuration Driving the ADS7816
C
3
33pF
V+
3
1
8
4GND
5
6
7
−IN
+IN
2
DCLOCK
Serial
Interface
C
2
1000pF
R
1
1.5k
R
4
20k
R
5
20k
R
6
100k
R
8
150k
R
9
510k
R
7
51k
D
OUT
V
REF
V+ = +2.7V to +5V
CS/SHDN
C1
1000pF
Electret
Microphone(1)
G = 100
Passband 300Hz to 3kHz
R
3
1M
R
2
1M
NOTE: (1) Electret microphone
powered by R
1.
ADS7816
12−Bit ADC
1/2
OPA2373
1/2
OPA2373
Figure 8. The OPA2373 as a Speech Bypass Filtered Data Acquisition System


Similar Part No. - OPA4374

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA4374AID BURR-BROWN-OPA4374AID Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA4374AID TI1-OPA4374AID Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA4374AIDG4 TI1-OPA4374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374AIDR BURR-BROWN-OPA4374AIDR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - OPA4374

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com