Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2300AIDGST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2300AIDGST
Description  OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2300AIDGST Datasheet(HTML) 5 Page - Texas Instruments

  OPA2300AIDGST Datasheet HTML 1Page - Texas Instruments OPA2300AIDGST Datasheet HTML 2Page - Texas Instruments OPA2300AIDGST Datasheet HTML 3Page - Texas Instruments OPA2300AIDGST Datasheet HTML 4Page - Texas Instruments OPA2300AIDGST Datasheet HTML 5Page - Texas Instruments OPA2300AIDGST Datasheet HTML 6Page - Texas Instruments OPA2300AIDGST Datasheet HTML 7Page - Texas Instruments OPA2300AIDGST Datasheet HTML 8Page - Texas Instruments OPA2300AIDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271D − MAY 2003 − REVISED JUNE 2007
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VS = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
−50
−60
−70
−80
−90
−100
THD
2nd−Harmonic
3rd−Harmonic
R
L = 200Ω
f=1MHz
R
F = 310Ω
G= 2
HARMONIC DISTORTION vs INVERTING GAIN
Gain (V/V)
110
−50
−60
−70
−80
−90
−100
−110
THD
2nd−Harmonic
3rd−Harmonic
V
O =2VPP
R
L = 200Ω
f=1MHz
R
F = 310Ω
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
−60
−65
−70
−75
−80
−85
−90
−95
−100
THD
2nd−Harmonic
3rd−Harmonic
V
O =2VPP
f= 1MHz
Gain = 2
R
F =310Ω
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
110
−50
−60
−70
−80
−90
−100
−110
THD
2nd−Harmonic
3rd−Harmonic
V
O =2VPP
R
L =200Ω
f=1MHz
R
F = 310Ω
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
100k
1M
10M
−50
−60
−70
−80
−90
−100
−110
−120
THD
2nd−Harmonic
3rd−Harmonic
V
O =2VPP
R
L =200Ω
Gain = 2
R
F =310Ω
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Voltage Noise
Current Noise


Similar Part No. - OPA2300AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2300AIDGST TI-OPA2300AIDGST Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA2300AIDGSTG4 TI-OPA2300AIDGSTG4 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2300AIDGST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com