Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2316ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2316ID
Description  10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2316ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2316ID Datasheet HTML 7Page - Texas Instruments OPA2316ID Datasheet HTML 8Page - Texas Instruments OPA2316ID Datasheet HTML 9Page - Texas Instruments OPA2316ID Datasheet HTML 10Page - Texas Instruments OPA2316ID Datasheet HTML 11Page - Texas Instruments OPA2316ID Datasheet HTML 12Page - Texas Instruments OPA2316ID Datasheet HTML 13Page - Texas Instruments OPA2316ID Datasheet HTML 14Page - Texas Instruments OPA2316ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
-3
-2
-1
0
1
2
3
0
10
20
30
40
50
60
I
out (mA)
C001
-40°C
125°C
25°C
85°C
-40°C
25°C
125°C
85°C
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
Frequency (Hz)
PSRR
CMRR
C011
0
1
10
100
1000
10000
100000
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
B+
I
B -
Ios
-20
-15
-10
-5
0
5
10
15
20
25
10k
100k
1M
10M
100M
Frequency (Hz)
G = +1
G = +10
G = -1
C007
-50
-25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = 1.8 V
V
S = 5.5 V
-50
-25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = 5.5 V
V
S = 1.8 V
11
OPA316, OPA2316, OPA2316S, OPA4316
www.ti.com
SBOS703E – APRIL 2014 – REVISED JUNE 2016
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
RL = 10 kΩ
Figure 7. Open-Loop Gain vs Temperature
RL = 2 kΩ
Figure 8. Open-Loop Gain vs Temperature
Figure 9. Closed-Loop Gain vs Frequency
Figure 10. Input Bias and Offset Current vs Temperature
V+ = 2.75 V, V– = –2.75 V
Figure 11. Output Voltage Swing vs Output Current
Figure 12. CMRR and PSRR vs Frequency
(Referred to Input)


Similar Part No. - OPA2316ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI1-OPA2316 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316-Q1 TI1-OPA2316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316QDGKQ1 TI1-OPA2316QDGKQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316QDGKRQ1 TI1-OPA2316QDGKRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2316ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com