Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA124PA Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA124PA
Description  OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA124PA Datasheet(HTML) 3 Page - Texas Instruments

  OPA124PA Datasheet HTML 1Page - Texas Instruments OPA124PA Datasheet HTML 2Page - Texas Instruments OPA124PA Datasheet HTML 3Page - Texas Instruments OPA124PA Datasheet HTML 4Page - Texas Instruments OPA124PA Datasheet HTML 5Page - Texas Instruments OPA124PA Datasheet HTML 6Page - Texas Instruments OPA124PA Datasheet HTML 7Page - Texas Instruments OPA124PA Datasheet HTML 8Page - Texas Instruments OPA124PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
®
OPA124
3
CONNECTION DIAGRAMS
Top View
DIP
1
2
3
4
8
7
6
5
Substrate
+V
S
Output
Offset Trim
Offset Trim
–In
+In
–V
S
Top View
SOIC
1
2
3
4
8
7
6
5
Substrate
+V
S
Output
NC
NC
–In
+In
–V
S
NC = No Connect
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PACKAGE/ORDERING INFORMATION
BIAS
OFFSET
PACKAGE
TEMPERATURE
CURRENT
DRIFT
PRODUCT
PACKAGE
DRAWING NUMBER(1)
RANGE
pA, max
µV/°C, max
OPA124U
8-Lead SOIC
182
–25
°C to +85°C
5
7.5
OPA124P
8-Pin Plastic DIP
006
–25
°C to +85°C
5
7.5
OPA124UA
8-Lead SOIC
182
–25
°C to +85°C2
4
OPA124PA
8-Pin Plastic DIP
006
–25
°C to +85°C2
4
OPA124PB
8-Pin Plastic DIP
006
–25
°C to +85°C1
2
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS(1)
Supply ...........................................................................................
±18VDC
Internal Power Dissipation(2) ......................................................... 750mW
Differential Input Voltage(3) ..........................................................
±36VDC
Input Voltage Range(3) .................................................................
±18VDC
Storage Temperature Range .......................................... –65
°C to +150°C
Operating Temperature Range ....................................... –40
°C to +125°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Output Short Circuit Duration(4) ............................................... Continuous
Junction Temperature .................................................................... +175
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
(2) Packages must be derated based on
θ
JA = 90°C/W for PDIP and 100°C/W
for SOIC. (3) For supply voltages less than
±18VDC, the absolute maximum
input voltage is equal to +18V > VIN > –VCC – 6V. See Figure 2. (4) Short circuit
may be to power supply common only. Rating applies to +25
°C ambient.
Observe dissipation limit and TJ.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Similar Part No. - OPA124PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124PA BURR-BROWN-OPA124PA Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA124PA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com