Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL7407LDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL7407LDR
Description  TPL7407L 40-V 7-Channel Low Side Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL7407LDR Datasheet HTML 5Page - Texas Instruments TPL7407LDR Datasheet HTML 6Page - Texas Instruments TPL7407LDR Datasheet HTML 7Page - Texas Instruments TPL7407LDR Datasheet HTML 8Page - Texas Instruments TPL7407LDR Datasheet HTML 9Page - Texas Instruments TPL7407LDR Datasheet HTML 10Page - Texas Instruments TPL7407LDR Datasheet HTML 11Page - Texas Instruments TPL7407LDR Datasheet HTML 12Page - Texas Instruments TPL7407LDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
GPIO Voltage
1.8 V, 3.3 V or 5.0 V
Coil Supply Voltage
8.5 V to 40 V
Number of Channels
7
Output Current (RCOIL)
20 mA to 300 mA per channel
CCOM
0.1 µF
Duty Cycle
100%
8.2.1.2 Detailed Design Procedure
When using TPL7407L in a coil driving application, determine the following:
Input Voltage Range
Temperature Range
Output & Drive Current
Power Dissipation
8.2.1.2.1
TTL and other Logic Inputs
TPL7407L input interface is specified for standard 1.8 V through 5 V CMOS logic interface and can tolerate up to
30 V. At any input voltage the output drivers will be driven at it's maximum when Vcom is greater than or equal to
8.5 V.
8.2.1.2.2
Input RC Snubber
TPL7407L features an input RC snubber that helps prevent spurious switching in noisy environments. Connect
an external 1 k
Ω to 5 kΩ resistor in series with the input to further enhance TPL7407L’s noise tolerance.
8.2.1.2.3
High-impedance Input Drivers
TPL7407L features a 1-M
Ω input pull-down resistor. The presence of this resistor allows the input drivers to be
tri-stated. When a high-impedance driver is connected to a channel input the TPL7407L detects the channel
input as a low level input and remains in the OFF position. The input RC snubber helps improve noise tolerance
when input drivers are in the high-impedance state.
8.2.1.2.4
Drive Current
The coil current is determined by the coil voltage (VSUP), coil resistance & output low voltage (VOL).
ICOIL= (VSUP - VOL)/RCOIL
(1)
8.2.1.2.5
Output Low Voltage
The output low voltage (VOL) is drain to source (VDS) voltage of the output NMOS transistors when the input is
driven high and it is sinking current and can be determined by Specifications or Figure 1.
8.2.1.3 Application Curves
The following curve was generated with TPL7407L driving an OMRON G5NB relay -- Vin = 5.0 V; Vsup = 24 V &
RCOIL = 2.8 kΩ


Similar Part No. - TPL7407LDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LAD TI1-TPL7407LAD Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Similar Description - TPL7407LDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
logo
Texas Instruments
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPS929121-Q1 TI-TPS929121-Q1 Datasheet
7Mb / 166P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
TPS929121-Q1 TI-TPS929121-Q1_V01 Datasheet
8Mb / 168P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
   SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com