Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL7407LD Datasheet(PDF) 5 Page - Texas Instruments

Part # TPL7407LD
Description  TPL7407L 40-V 7-Channel Low Side Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LD Datasheet(HTML) 5 Page - Texas Instruments

  TPL7407LD Datasheet HTML 1Page - Texas Instruments TPL7407LD Datasheet HTML 2Page - Texas Instruments TPL7407LD Datasheet HTML 3Page - Texas Instruments TPL7407LD Datasheet HTML 4Page - Texas Instruments TPL7407LD Datasheet HTML 5Page - Texas Instruments TPL7407LD Datasheet HTML 6Page - Texas Instruments TPL7407LD Datasheet HTML 7Page - Texas Instruments TPL7407LD Datasheet HTML 8Page - Texas Instruments TPL7407LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
VF (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
D002
Output Drain Current IDS (mA)
0
200
400
600
800
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D001
25°C
70°C
105°C
-40°C
5
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.6 Switching Characteristics
Typical Values at TA=TJ= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
VINX ≥ 1.65 V, Vpull-up = 24 V, Rpull-up =
48
350
ns
tPHL
Propagation delay time, high- to low-level output
VINX ≥ 1.65 V, Vpul-lup = 24 V, Rpull-up =
48
350
ns
Ci
Input capacitance
VI = 0,
f = 100 kHz
5
pF
6.7 Typical Characteristics
Figure 1. VOL (VDS)
Figure 2. Flyback Diode Forward Voltage


Similar Part No. - TPL7407LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LAD TI1-TPL7407LAD Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Similar Description - TPL7407LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
logo
Texas Instruments
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPS929121-Q1 TI-TPS929121-Q1 Datasheet
7Mb / 166P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
TPS929121-Q1 TI-TPS929121-Q1_V01 Datasheet
8Mb / 168P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
   SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com