Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD431000AGU-B15X-9JH Datasheet(PDF) 7 Page - NEC

Part # UPD431000AGU-B15X-9JH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD431000AGU-B15X-9JH Datasheet(HTML) 7 Page - NEC

Back Button UPD431000AGU-B15X-9JH Datasheet HTML 3Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 4Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 5Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 6Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 7Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 8Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 9Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 10Page - NEC UPD431000AGU-B15X-9JH Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet M10430EJ9V0DS
7
µPD431000A-X
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
–0.5
Note to +7.0
V
Input / Output voltage
VT
–0.5
Note to VCC + 0.5
V
Operating ambient temperature
TA
–25 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Note –3.0 V (MIN.) (Pulse width: 30 ns)
Caution Exposing the device to stress above those listed in Absolute Maximum Rating could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
µPD431000A-xxX
µPD431000A-AxxX µPD431000A-BxxX
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Supply voltage
VCC
4.5
5.5
3.0
5.5
2.7
5.5
V
High level input voltage
VIH
2.4
VCC+0.5
2.4
VCC+0.5
2.4
VCC+0.5
V
Low level input voltage
VIL
–0.3
Note
+0.6
–0.3
Note
+0.5
–0.3
Note
+0.5
V
Operating ambient temperature
TA
–25
+85
–25
+85
–25
+85
°C
Note –3.0 V (MIN.) (Pulse width: 30 ns)
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
VIN = 0 V
6
pF
Input / Output capacitance
CI/O
VI/O = 0 V
10
pF
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These parameters are not 100% tested.


Similar Part No. - UPD431000AGU-B15X-9JH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD431000AGU-B15X-9JH RENESAS-UPD431000AGU-B15X-9JH Datasheet
772Kb / 26P
   MOS INTEGRATED CIRCUIT
1995
UPD431000AGU-B15X-9JH-A RENESAS-UPD431000AGU-B15X-9JH-A Datasheet
772Kb / 26P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD431000AGU-B15X-9JH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A NEC-UPD431000A Datasheet
227Kb / 32P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com