Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1AFL Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # US1AFL
Description  SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

US1AFL Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  US1AFL Datasheet HTML 1Page - SUNMATE electronic Co., LTD US1AFL Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
0.2
0.6
1.0
1.4
1.8
2.0
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0.01
0.1
1
20
10
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
UF1AFL-UF1FL
UF1GFL
UF1JFL-UF1MFL
30
25
20
15
10
5.0
0
NUMBER OF CYCLES AT 60 Hz
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
2 of 2
www.sunmate.tw


Similar Part No. - US1AFL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1AFL MCC-US1AFL Datasheet
356Kb / 4P
   Features Halogen free available upon request by adding suffix "-HF"||" "573588
PHASE LOCKED LOOP
US1AFL MCC-US1AFL Datasheet
356Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
logo
Rectron Semiconductor
US1AFL RECTRON-US1AFL Datasheet
344Kb / 5P
   VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
logo
Dongguan Pingjingsemi T...
US1AFL-PJ PJSEMI-US1AFL-PJ Datasheet
676Kb / 3P
   SURFACE ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - US1AFL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
US3AB YIXIN-US3AB_15 Datasheet
330Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
US5AB SUNMATE-US5AB Datasheet
528Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AF SUNMATE-US5AF Datasheet
893Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF3AF SUNMATE-UF3AF Datasheet
557Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2AF SUNMATE-US2AF Datasheet
485Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF2AA SUNMATE-UF2AA Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2A SUNMATE-US2A Datasheet
576Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF5A SUNMATE-UF5A Datasheet
578Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AF SUNMATE-US1AF Datasheet
332Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AL SUNMATE-US1AL Datasheet
313Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US3AA SUNMATE-US3AA Datasheet
395Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com