Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2101DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC2101DG4
Description  DC BRUSH MOTOR CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2101DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC2101DG4 Datasheet HTML 2Page - Texas Instruments TPIC2101DG4 Datasheet HTML 3Page - Texas Instruments TPIC2101DG4 Datasheet HTML 4Page - Texas Instruments TPIC2101DG4 Datasheet HTML 5Page - Texas Instruments TPIC2101DG4 Datasheet HTML 6Page - Texas Instruments TPIC2101DG4 Datasheet HTML 7Page - Texas Instruments TPIC2101DG4 Datasheet HTML 8Page - Texas Instruments TPIC2101DG4 Datasheet HTML 9Page - Texas Instruments TPIC2101DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPIC2101
DC BRUSH MOTOR CONTROLLER
SLIS060 – OCTOBER 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
automatic mode signal decoding (continued)
The device enters the sleep state if the PWM signal on the AUTO terminal is absent (the AUTO terminal remains
high or low) for 2048 clock cycles of the 20 KHz oscillator. An internal 1 mA pull-up resistor is provided for the
AUTO terminal when in the auto mode. This pull-up resistor is not present in the manual mode or during sleep
state.
The device adjusts the output PWM duty cycle to keep the effective motor voltage constant with changing battery
voltages (Vbat) as per the equation:
PWMout +
(2.88
) 13.12(1 * Input Duty Cycle))
V
bat
100%
Figure 3 illustrates this transfer curve with various battery voltages.
50
40
20
10
0
90
30
0
10
20
304050
60
70
60
80
100
70
80
90
100
Vbat = 8
Vbat = 12
Vbat = 16
PWMin – Incoming Pulse Width Modulation – %
Figure 3. Output PWM vs. Incoming PWM for Various Battery Voltages
The allowable automatic mode PWMout variation is ± 7% over all operating conditions as indicated in the AC
characteristics Table.
manual mode speed signal decoding
In manual mode, a high input (>5.5V) on the MAN terminal changes the state of the device from sleep to run.
While in the run state the device senses the resistance between the MAN and AUTO terminals by turning on
a 2 mA current sink to each terminal. The MAN and AUTO current sinks are multiplied 20 X from the CCS current.
This 2 mA current sink creates a 1 V drop across each 0.5 k
Ω resistor and a 0 to 2.2 V differential across the
0 to 1 k
Ω potentiometer (and thus across the 2 terminals). The SPEED and INT terminals should be utilized as
in the proceeding section as a low-pass filter. When the connection to the MAN terminal is opened, the device
enters the sleep state. In addition, the device is capable of rejecting up to 2.2 V of source voltage offset (VIO),
as indicated in Figure 4.


Similar Part No. - TPIC2101DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101D TI-TPIC2101D Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
More results

Similar Description - TPIC2101DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Unisonic Technologies
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com