Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL40162 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part No. ZL40162
Description  High Output Current High Speed Dual Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL40162 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Features
• High Output Drive
• 18.8 Vpp differential output voltage, RL = 50
• 9.4 Vpp single-ended output voltage, RL =
25
• High Output Current
• ± 200mA @ Vo = 9.4 Vpp, Vs = 12V
• Low Distortion
• 83dB SFDR (Spurious Free Dynamic Range)
@ 100KHz, Vo = 2Vpp, RL = 25
• High Speed
• 158MHz 3dB bandwidth (G=2)
•195V /
µs slew rate
•Low Noise
• 3.8nV /
√Hz: input noise voltage
• 2.7pA /
√Hz: input noise current
• Low supply current: 7mA/amp
• Single-supply operation: 5V to 12V
• High ESD (Electro-Static Discharge) immunity
• 4kV for Supply and Output pins
• Low differential gain and phase
• 0.01% and -0.1deg
Applications
• ADSL PCI modem cards
• xDSL external modem
• Line Driver
Description
The ZL40162 is a low cost voltage feedback opamp
capable of driving signals to within 1V of the power
supply rails. It features low noise and low distortion
accompanied by a high output current which makes it
ideally suited for the application as an xDSL line driver.
The dual opamp can be connected as a differential line
driver delivering signals up to 18.8Vpp swing into a 25
load, fully supporting the peak upstream power levels
for upstream full-rate ADSL (Asymmetrical Digital
Subscriber Line).
April 2003
Ordering Information
ZL40162/DCA
(tubes) 8 lead SOIC
ZL40162/DCB
(tape and reel) 8 lead SOIC
-40
°C to +85°C
ZL40162
High Output Current
High Speed Dual Operational Amplifier
Data Sheet
Figure 1 - Functional Block Diagram and Pin Connection
7
Out_1
In_n_1
In_p_1
In_p_2
In_n_2
Out_2
V -
ZL40162
V+
1
2
3
4
5
6
8
1
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn