Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL40162 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part No. ZL40162
Description  High Output Current High Speed Dual Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL40162 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ZL40162
Data Sheet
6
Zarlink Semiconductor Inc.
± 2.5V Electrical Characteristics - TA = 25°C, G = +2, Vs = ± 2.5V, Rf = Rg = 510Ω, RL = 100Ω / 2pF; Unless
otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 1)
Typ
(Note 2)
Max
(Note 3)
Units
Test
Type
Dynamic Performance
-3dB Bandwidth
152.5
MHz
C
-0.1dB Bandwidth
19
MHz
C
Slew Rate
1V Step O/P, 10-90%
171
V/
µsC
Rise and Fall Time
1V Step O/P, 10-90%
4.67
ns
C
Rise and Fall Time
200mV Step O/P,
10-90%
2.15
ns
C
Distortion and Noise Response
2nd Harmonic
Distortion
Vo = 2Vpp,f = 100KHz,
RL = 25
-92.5
dBc
C
Vo = 2Vpp, f = 1MHz,
RL = 100
-85.4
dBc
C
3rd Harmonic
Distortion
Vo = 2Vpp, f = 100KHz,
RL = 25
-84.4
dBc
C
Vo = 2Vpp, f = 1MHz,
RL = 100
-72.7
dBc
C
Input Characteristics
Vos
Input Offset Voltage
Tj = -40
°C to 150°C
- 4.2
- 0.3
4.2
mV
B
Ib
Input Bias Current
Tj = -40
°C to 150°C- 10
-20
µAB
CMVR
Common Mode
Voltage Range
-1.55
1.55
V
B
CMRR
Common Mode
Rejection Ratio
Tj = -40
°C to 150°C70
80
dB
B
Transfer Characteristics
Avol
Voltage Gain
RL = 1k, Tj = -40
°C to
150
°C
5.5
10.7
V/mV
B
RL = 25
Ω, Tj = -40°C to
150
°C
1.6
6
B
Output Characteristics
Output Swing
RL = 25
Ω, Tj = -40°C to
150
°C
-1.4
±1.48
1.4
V
B
RL = 1k, Tj = -40
°C to
150
°C
-1.6
±1.65
1.6
B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn