Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC43T02 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC43T02
Description  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC43T02 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC43T02 Datasheet HTML 4Page - Texas Instruments TPIC43T02 Datasheet HTML 5Page - Texas Instruments TPIC43T02 Datasheet HTML 6Page - Texas Instruments TPIC43T02 Datasheet HTML 7Page - Texas Instruments TPIC43T02 Datasheet HTML 8Page - Texas Instruments TPIC43T02 Datasheet HTML 9Page - Texas Instruments TPIC43T02 Datasheet HTML 10Page - Texas Instruments TPIC43T02 Datasheet HTML 11Page - Texas Instruments TPIC43T02 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TC = 25°C, VCC = 24V (unless otherwise noted) (continued)
digital input pins
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Digital input high level input voltage
Interface from 3.3 V controller
2.2
V
VIL
Digital input low level input voltage
Interface from 3.3 V controller
1.1
V
I(pullup)
Digital input pullup current, S/S, FSEL
VIN = 2.2 V
–9
–14
–18
µA
I(F/R)
Digital input pulldown current, F/R
VIN = 1.1 V
17.5
27
35
µA
I(TEST)
TEST input pulldown current
VIN = 1.1 V
130
200
250
µA
switching characteristics, TC = 25°C, VCC = 24 V
charge pump
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(CP)
Switching frequency
180
kHz
f(CP)
Switching frequency
TC = 0 to 70°C
140
220
kHz
FG signal conditioning
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW
Gain bandwidth (see Note 2)
200
kHz
NOTE 2. Design target only. Not tested in production.
FG reference crystal oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(OSC)
Crystal frequency range (see Note 2)
5
6.87
10
MHz
f(OSC1)
OSC1 frequency range
OSC1 driven externally, see FG Reference
Oscillator section
1
10
MHz
NOTE 2. Design target only. Not tested in production.
PWM control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(PWM)
PWM frequency
22.7
kHz
f(PWM)
PWM frequency
TC = 0 to 70°C
18
27
kHz
t(DT)
Gate drive dead time control
See Figure 3
1
3.2
µs
digital filter f(s) RC oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(CT)
Oscillator frequency (see Note 2)
1/(2
× RT × CT) ±10%
Hz
NOTE 2. Design target only. Not tested in production.
lock detection timer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(CLT)
CLT oscillator frequency (see Note 2)
1/(2
× RT × CLT) ±10%
Hz
NOTE 2. Design target only. Not tested in production.
lock detection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDERR†
Lock detect threshold
±5
%
† Non JEDEC symbol.


Similar Part No. - TPIC43T02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC43T02 TI-TPIC43T02 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
TPIC43T02DA TI-TPIC43T02DA Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
More results

Similar Description - TPIC43T02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com