Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC44H01 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC44H01
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC44H01 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC44H01_15 Datasheet HTML 1Page - Texas Instruments TPIC44H01_15 Datasheet HTML 2Page - Texas Instruments TPIC44H01_15 Datasheet HTML 3Page - Texas Instruments TPIC44H01_15 Datasheet HTML 4Page - Texas Instruments TPIC44H01_15 Datasheet HTML 5Page - Texas Instruments TPIC44H01_15 Datasheet HTML 6Page - Texas Instruments TPIC44H01_15 Datasheet HTML 7Page - Texas Instruments TPIC44H01_15 Datasheet HTML 8Page - Texas Instruments TPIC44H01_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Serial or Parallel Control of Gate Outputs
D Sleep State for Low Quiescent Current
D Independent On-State Source
Short-to-Ground (Shorted-Load)
Detection/Protection
D Independent On-State Over-Current
Detection/Protection With Dynamic Fault
Threshold
D Independent Off-State Open-Load
Detection
D Supply Over-Voltage Lockout Protection
D Asynchronous Open-Drain Fault Interrupt
Terminal to Flag Fault Conditions. Output
Can be OR’ed With Multiple Devices
D Encoded Fault Status Reporting Through
Serial Output Terminal (2-Bits Per Channel)
D Programmable On-State Fault Deglitch
Timers
D High Impedance CMOS Compatible Inputs
With Hysteresis
D Fault Mode Selection: Outputs Latched Off
or Switched at Low Duty Cycle
D Device Can be Cascaded With Serial
Interface
description
The TPIC44H01 is a four channel high-side pre-FET driver which provides serial or parallel input interface to
control four external NMOS power FETs. It is designed for use in low frequency switching applications for
resistive or inductive loads, including solenoids and incandescent bulbs.
Each channel has over-current, short-to-ground, and open-load detection that is flagged through the FLT pin
and distinguished through the serial interface. Over-current thresholds are set through the V(PK_x) and
V(COMP1-4) pins. Short-to-ground and open-load thresholds are set internally to approximately 2.5 V. The
AR_ENBL pin is used to define the operation of the device during a fault condition, allowing the outputs to either
latch off or to enter a low duty cycle, auto-retry mode. An over-voltage lockout circuit on V(PWR) protects the
device and the external FETs. A low current sleep state mode is provided to allow the TPIC44H01 to be used
in applications where V(PWR) is connected directly to the battery. An internal charge pump allows the use of
N-channel FETs for high-side drive applications, while current-limit gate drive provides slope control for reduced
RFI.
By having the unique ability to develop a dynamic over-current threshold, the TPIC44H01 can be used to drive
incandescent bulbs with long inrush currents without falsely flagging a fault. Likewise, the user can select an
internally set over-current threshold of ~1.25 V by pulling the respective V(COMP1-4) pin to VCC.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
CS
SD0
SDI
SCLK
AR_ENBL
GND
IN1
IN2
IN3
IN4
VCC
V(PK_A)
V(PK_B)
V(COMP1)
V(COMP2)
V(COMP3)
PGND
V(PWR)
CP1
CP2
V(CP)
GATE1
SRC1
GATE2
SRC2
GATE3
SRC3
GATE4
SRC4
FLT
RESET
V(COMP4)
DA PACKAGE
(TOP VIEW)


Similar Part No. - TPIC44H01_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44H01DA TI-TPIC44H01DA Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC44H01_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com