Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L104-HC3WW1-F5 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L104-HC3WW1-F5
Description  This data sheet is applied to the chip type LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L104-HC3WW1-F5 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L104-HC3WW1-F5 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC3WW1-F5 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2/11
3. Outline drawing
4. Performance
( 1 ) Absolute Maximum Rating
Symbol
Unit
Power Dissipation
PD
W
Forward Current
IF
mA
Mnimum current
IF Min
mA
Reverse Current
IR
mA
Operating Temperature
TOP
C
Storage Temperature
TST
C
Junction Temperature
Tj Max
C
*1
*1 D.C. Current : Tj = Tc + Rj-c × PD
Symbol
30
-30 ~ +85
120
-40 ~ +100
1
Parameter
Rating Value
7.8
720
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
CITILED
Name
CL-L104-HC3WW1-F5
First line : Serial No.
Second line :
H 3 WW F5
Color
Watt
Ra
e.g. WW1
e.g. 3 : 3W
e.g. H : Min.90
First line :
CEJ L104
Second line :
9.2 350 120 Maximum junction temperture Tj=120C
Rated supply current 350mA
Rated supply voltage 9.2V
Model number
CITIZEN ELECTRONICS CO.,LTD. JAPAN
<Marking2>
Tc measuring-point(Board side)
                       Unit : mm
Tolerances unless otherwise specified : ±0.3
Marking1
Anode
Cathode
CathodeMark(Gray)
Resin
Marking2
Emitting area (including white resin)
<Marking1>
×6
Protection Device
It has a protection device built in as a protection circuit against static electricity.
Anode
Cathode
Ref.CE-P2371 03/13 R1(0613)


Similar Part No. - CL-L104-HC3WW1-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-HC3W1-F5 CITIZEN-CL-L104-HC3W1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results

Similar Description - CL-L104-HC3WW1-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-MC3WW1-F5 CITIZEN-CL-L104-MC3WW1-F5 Datasheet
241Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L2-F5 CITIZEN-CL-L104-MC3L2-F5 Datasheet
239Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC6L2-F5 CITIZEN-CL-L104-HC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3L1-F5 CITIZEN-CL-L104-HC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L1-F5 CITIZEN-CL-L104-MC6L1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3W1-F5 CITIZEN-CL-L104-MC3W1-F5 Datasheet
236Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L1-F5 CITIZEN-CL-L104-MC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6N1-F5 CITIZEN-CL-L104-MC6N1-F5 Datasheet
252Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L2-F5 CITIZEN-CL-L104-MC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3W1-F5 CITIZEN-CL-L104-HC3W1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6WW1-F5 CITIZEN-CL-L104-MC6WW1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com