Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL130-0101A5-30AM1B1 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL130-0101A5-30AM1B1
Description  These data sheet are applied to the chip type LED lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL130-0101A5-30AM1B1 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL130-0101A5-30AM1B1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101A5-30AM1B1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6/13
Solder Temperature vs. Allowable Forward Current
Spectrum
Directive Characteristic
LED chip is mounted on White color PCB.
Symbol
Name
CLL130-0101A5-30AM1B1
DATA SHEET
CITILED
CITIZEN ELECTRONICS CO.,LTD. JAPAN
0%
20%
40%
60%
80%
100%
120%
350
450
550
650
750
850
λ [nm]
IF=50mA, Ts=25C
0
10
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
Ts [C]
IF=50mA Ts=25℃
IF=50mA Ts=25℃
0%
20%
40%
60%
80%
100%
80°
70°
60°
50°
40°
30°
20°
10°
-80°
-70°
-60°
-50°
-20°
-30°
-40°
-10°
90°
-90°
0%
20%
40%
60%
80%
100%
80°
70°
60°
50°
40°
30°
20°
10°
-80°
-70°
-60°
-50°
-20°
-30°
-40°
-10°
90°
-90°
θ
θ = 0
θ
θ = 0
Ref.CE-P2157 09/12


Similar Part No. - CLL130-0101A5-30AM1B1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0101A5-35AM1B1 CITIZEN-CLL130-0101A5-35AM1B1 Datasheet
2Mb / 14P
   These data sheet are applied to the chip type LED lamp
More results

Similar Description - CLL130-0101A5-30AM1B1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0101A5-65CM1B3 CITIZEN-CLL130-0101A5-65CM1B3 Datasheet
1Mb / 14P
   These data sheet are applied to the chip type LED lamp
CLL130-0101A5-35AM1B1 CITIZEN-CLL130-0101A5-35AM1B1 Datasheet
2Mb / 14P
   These data sheet are applied to the chip type LED lamp
CLL130-0101A5-27AM1B1 CITIZEN-CLL130-0101A5-27AM1B1 Datasheet
1Mb / 14P
   These data sheet are applied to the chip type LED lamp
CLL130-0101A5-40AM1B1 CITIZEN-CLL130-0101A5-40AM1B1 Datasheet
809Kb / 14P
   These data sheet are applied to the chip type LED lamp
CLL130-0101A5-50CM1A9 CITIZEN-CLL130-0101A5-50CM1A9 Datasheet
1Mb / 14P
   These data sheet are applied to the chip type LED lamp
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-35AM1A2 CITIZEN-CLL600-0101A1-35AM1A2 Datasheet
383Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-27AM1A2 CITIZEN-CLL600-0101A1-27AM1A2 Datasheet
395Kb / 13P
   These specifications are applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com