Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL130-0101C1-403M1F2 Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL130-0101C1-403M1F2
Description  This data sheet is applied to the LED package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL130-0101C1-403M1F2 Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL130-0101C1-403M1F2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-403M1F2 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
8.Soldering
8-1, Lead free soldering
 
(1) Following soldering paste is recommended
Melting temperature : 216 ~ 220C.
Composition : Sn 3.5Ag 0.75Cu
 
(2) The temperature profile at the top surface of the parts is recommended as shown below.
 
(3) It is requested that products should be handled after their temperature has dropped
down to the normal room temperature
8-2 Recommended soldering pattern
Mountability and solderability need to be
optimized with actual conditions such as
amount of solder, reflow temperature
applied in the process.
8-3. Recommended pickup nozzle
Shape
: Circular
Dimension
: Diameter more than 1.5mm
8-4. Washing
(1) When washing after soldering is needed, following conditions are requested.
 
a) Washing solvent: Pure Water
 
b) Temperature, time: 50C or less × 30 seconds max or 30C or less × 3 minutes max.
Name
CLL130-0101C1-403M1F2
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
CITILED
DATA SHEET
9/13
Outline
Center
Anode Pad
Cathode Pad
Ref.CE-P3672 03/16


Similar Part No. - CLL130-0101C1-403M1F2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0101C1-42GV1J7 CITIZEN-CLL130-0101C1-42GV1J7 Datasheet
708Kb / 14P
   This data sheet is applied to the LED package
More results

Similar Description - CLL130-0101C1-403M1F2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-353M1C5 CITIZEN-CLL130-0101B2-353M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com