Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL600-0101A1-27AM1A2 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL600-0101A1-27AM1A2
Description  These specifications are applied to the chip type LED lamp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL600-0101A1-27AM1A2 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CLL600-0101A1-27AM1A2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-27AM1A2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
1. Scope of Application
These specifications are applied to the chip type LED lamp , model CLL600-0101A1-27AM1A2
2. Part code
CLL600-0101A1-27AM1A2
[1]
Series
CLL : LED for general lighting
[2]
Outline dimensions
600 : 2.0(L) x 0.8(W) x 0.9(H)
[3]
Dies in series quantity
01 :
1
[4]
Dies in parallel quantity
01 :
1
[5]
Correlated color temperature
27 : 2700K
[6]
Chromaticity range
A : ANSI C78,377-2008
[7]
CRI
M1 : Ra Min 80
 
Type
Symbol
DATA SHEET
Name
CITIZEN ELECTRONICS CO.,LTD. JAPAN
CITILED
CLL600-0101A1-27AM1A2
[1]
[2]
[3]
[4]
[5]
[6]
[7]
Ref.CE-P1609
10/11


Similar Part No. - CLL600-0101A1-27AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-35AM1A2 CITIZEN-CLL600-0101A1-35AM1A2 Datasheet
383Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-50CM1A2 CITIZEN-CLL600-0101A1-50CM1A2 Datasheet
317Kb / 13P
   These specifications are applied to the chip type LED lamp
More results

Similar Description - CLL600-0101A1-27AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-35AM1A2 CITIZEN-CLL600-0101A1-35AM1A2 Datasheet
383Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-40AM1B1 CITIZEN-CLL130-0102A5-40AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-50CM1A2 CITIZEN-CLL600-0101A1-50CM1A2 Datasheet
317Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-65CM1B3 CITIZEN-CLL130-0102A5-65CM1B3 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com