Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS368AN Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS368AN
Description  HEX BUS DRIVERS WITH 3 STATE OUTPUTS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS368AN Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LS368AN Datasheet HTML 12Page - Texas Instruments SN74LS368AN Datasheet HTML 13Page - Texas Instruments SN74LS368AN Datasheet HTML 14Page - Texas Instruments SN74LS368AN Datasheet HTML 15Page - Texas Instruments SN74LS368AN Datasheet HTML 16Page - Texas Instruments SN74LS368AN Datasheet HTML 17Page - Texas Instruments SN74LS368AN Datasheet HTML 18Page - Texas Instruments SN74LS368AN Datasheet HTML 19Page - Texas Instruments SN74LS368AN Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 7
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN54365A, SN54366A, SN54367A, SN54368A, SN54LS365A, SN54LS366A, SN54LS367A, SN54LS367A-SP, SN54LS368A, SN74365A,
SN74366A, SN74367A, SN74368A, SN74LS365A, SN74LS366A, SN74LS367A, SN74LS368A :
Catalog: SN74365A, SN74366A, SN74367A, SN74368A, SN74LS365A, SN74LS366A, SN74LS367A, SN54LS367A, SN74LS368A
Military: SN54365A, SN54366A, SN54367A, SN54368A, SN54LS365A, SN54LS366A, SN54LS367A, SN54LS368A
Space: SN54LS367A-SP
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product


Similar Part No. - SN74LS368AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS368AN ONSEMI-SN74LS368AN Datasheet
93Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS368AN TI-SN74LS368AN Datasheet
682Kb / 21P
[Old version datasheet]   HEX BUS DROVERS WITH 3-STATE OUTPUTS
SN74LS368AN TI-SN74LS368AN Datasheet
835Kb / 24P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN74LS368AN3 TI-SN74LS368AN3 Datasheet
682Kb / 21P
[Old version datasheet]   HEX BUS DROVERS WITH 3-STATE OUTPUTS
SN74LS368AN3 TI-SN74LS368AN3 Datasheet
835Kb / 24P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS368AN

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC365 HITACHI-HD74HC365 Datasheet
44Kb / 8P
   Hex Bus Drivers (with 3-state outputs)
logo
Texas Instruments
SN54365A TI-SN54365A_08 Datasheet
835Kb / 24P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC366 HITACHI-HD74HC366 Datasheet
45Kb / 8P
   Hex Bus Drivers (with 3-state outputs)
logo
Texas Instruments
SN54HC366 TI-SN54HC366 Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC365 RENESAS-HD74HC365 Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC366 RENESAS-HD74HC366 Datasheet
90Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC367 RENESAS-HD74HC367 Datasheet
91Kb / 7P
   Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
HD74HC368 RENESAS-HD74HC368 Datasheet
91Kb / 7P
   Hex Bus Drivers (Inverted Data Outputs with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC368 HITACHI-HD74HC368 Datasheet
46Kb / 8P
   Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
HD74HC367 HITACHI-HD74HC367 Datasheet
46Kb / 8P
   Hex Bus Drivers (noninverted Data Outputs with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com