Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75453BD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75453BD
Description  SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75453BD Datasheet(HTML) 3 Page - Texas Instruments

  SN75453BD Datasheet HTML 1Page - Texas Instruments SN75453BD Datasheet HTML 2Page - Texas Instruments SN75453BD Datasheet HTML 3Page - Texas Instruments SN75453BD Datasheet HTML 4Page - Texas Instruments SN75453BD Datasheet HTML 5Page - Texas Instruments SN75453BD Datasheet HTML 6Page - Texas Instruments SN75453BD Datasheet HTML 7Page - Texas Instruments SN75453BD Datasheet HTML 8Page - Texas Instruments SN75453BD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2B
NC
2A
NC
NC
1B
NC
1Y
NC
NC – No internal connection
1
2
3
4
8
7
6
5
1A
1B
1Y
GND
VCC
2B
2A
2Y
3
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
www.ti.com
SLRS021C – DECEMBER 1967 – REVISED MAY 2016
Product Folder Links: SN55451B SN55452B SN55453B SN55454B SN75451B SN75452B SN75453B SN75454B
Submit Documentation Feedback
Copyright © 1967–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
LOGIC OF COMPLETE CIRCUIT
OPERATING FREE AIR TEMPERATURE RANGE
SN55451B
AND
–55°C to 125°C
SN55452B
NAND
–55°C to 125°C
SN55453B
OR
–55°C to 125°C
SN55454B
NOR
–55°C to 125°C
SN75451B
AND
0°C to 70°C
SN75452B
NAND
0°C to 70°C
SN75453B
OR
0°C to 70°C
SN75454B
NOR
0°C to 70°C
6 Pin Configuration and Functions
JG, D, P, or PS Package
8-Pin CDIP, SOIC, PDIP, or SO
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
CDIP, SOIC, PDIP,
SO
LCCC
1A
1
2
I
Channel 1 Logic Input A
1B
2
5
I
Channel 1 Logic Input B
1Y
3
7
O
Channel 1 Driver
2A
6
15
I
Channel 2 Logic Input A
2B
7
17
I
Channel 2 Logic Input B
2Y
5
12
O
Channel 2 Driver
GND
4
10
Ground
NC
1, 3, 4, 6, 8,
9, 11, 13,
14, 16, 18,
19
No Internal Connection
VCC
8
20
Supply Voltage


Similar Part No. - SN75453BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75453BD TI-SN75453BD Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75453BD TI-SN75453BD Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75453BD TI1-SN75453BD Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75453BDE4 TI-SN75453BDE4 Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75453BDE4 TI-SN75453BDE4 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN75453BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55451B TI1-SN55451B_18 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com