Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75107BDRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75107BDRG4
Description  DUAL LINE RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75107BDRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75107BDRG4 Datasheet HTML 1Page - Texas Instruments SN75107BDRG4 Datasheet HTML 2Page - Texas Instruments SN75107BDRG4 Datasheet HTML 3Page - Texas Instruments SN75107BDRG4 Datasheet HTML 4Page - Texas Instruments SN75107BDRG4 Datasheet HTML 5Page - Texas Instruments SN75107BDRG4 Datasheet HTML 6Page - Texas Instruments SN75107BDRG4 Datasheet HTML 7Page - Texas Instruments SN75107BDRG4 Datasheet HTML 8Page - Texas Instruments SN75107BDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC+ (see Note 3)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC–
–7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 4)
±6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Common-mode input voltage, VIC (see Note 5)
±5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Strobe input voltage
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds, Tc: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
. . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or W package
260
°C
. . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
3. All voltage values, except differential voltages, are with respect to network ground terminal.
4. Differential voltage values are at the noninverting (A) terminal with respect to the inverting (B) terminal.
5. Common-mode input voltage is the average of the voltages at the A and B inputs.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
275 mW
N
1150 mW
9.2 mW/
°C
736 mW
W
1000 mW
8.0 mW/
°C
640 mW
200 mW
recommended operating conditions (see Note 6)
SN55107A
SN75107A, SN75107B,
SN55107A
,,
SN75108A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
Supply voltage, VCC +
4.5
5
5.5
4.75
5
5.25
V
Supply voltage, VCC –
– 4.5
–5
– 5.5
– 4.75
–5
– 5.25
V
High-level input voltage between differential inputs, VIDH (see Note 7)
0.025
5
0.025
5
V
Low-level input voltage between differential inputs, VIDL (see Note 7)
–5 ‡
– 0.025
–5 ‡
– 0.025
V
Common-mode input voltage, VIC (see Notes 7 and 8)
–3 ‡
3
–3 ‡
3
V
Input voltage, any differential input to GND (see Note 8)
–5 ‡
3
–5 ‡
3
V
High-level input voltage at strobe inputs, VIH(S)
2
5.5
2
5.5
V
Low-level input voltage at strobe inputs, VIL(S)
0
0.8
0
0.8
V
Low-level output current, IOL
–16
–16
mA
Operating free-air temperature, TA
–55
125
0
70
°C
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for input voltage
levels only.
NOTES:
6. When using only one channel of the line receiver, the strobe input (G) of the unused channel should be grounded and at least one
of the differential inputs of the unused receiver should be terminated at some voltage between – 3 V and 3 V.
7. The recommended combinations of input voltages fall within the shaded area in Figure 1.
8. The common-mode voltage may be as low as – 4 V provided that the more positive of the two inputs is not more negative than
–3 V.


Similar Part No. - SN75107BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75107BDRG4 TI-SN75107BDRG4 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75107BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com