Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55461JG Datasheet(PDF) 1 Page - Texas Instruments

Part # SN55461JG
Description  DUAL PERIPHERAL DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55461JG Datasheet(HTML) 1 Page - Texas Instruments

  SN55461JG Datasheet HTML 1Page - Texas Instruments SN55461JG Datasheet HTML 2Page - Texas Instruments SN55461JG Datasheet HTML 3Page - Texas Instruments SN55461JG Datasheet HTML 4Page - Texas Instruments SN55461JG Datasheet HTML 5Page - Texas Instruments SN55461JG Datasheet HTML 6Page - Texas Instruments SN55461JG Datasheet HTML 7Page - Texas Instruments SN55461JG Datasheet HTML 8Page - Texas Instruments SN55461JG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN55461 THRU SN55463
SN75461 THRU SN75463
DUAL PERIPHERAL DRIVERS
SLRS022A − DECEMBER 1976 − REVISED OCTOBER 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PERIPHERAL DRIVERS FOR
HIGH-VOLTAGE, HIGH-CURRENT DRIVER
APPLICATIONS
Characterized for Use to 300 mA
High-Voltage Outputs
No Output Latch-Up at 30 V (After
Conducting 300 mA)
Medium-Speed Switching
Circuit Flexibility for Varied Applications
and Choice of Logic Function
TTL-Compatible Diode-Clamped Inputs
Standard Supply Voltages
Plastic DIP (P) With Copper Lead Frame for
Cooler Operation and Improved Reliability
Package Options Include Plastic Small
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
SUMMARY OF SERIES 55461/75461
DEVICE
LOGIC
PACKAGES
SN55461
AND
FK, JG
SN55462
NAND
FK, JG
SN55463
OR
FK, JG
SN75461
AND
D, P
SN75462
NAND
D, P
SN75463
OR
D, P
description
These dual peripheral drivers are functionally interchangeable with SN55451B through SN55453B and
SN75451B through SN75453B peripheral drivers, but are designed for use in systems that require higher
breakdown voltages than those devices can provide at the expense of slightly slower switching speeds. Typical
applications include logic buffers, power drivers, relay drivers, lamp drivers, MOS drivers, line drivers, and
memory drivers.
The SN55461/SN75461, SN55462/SN75462, and SN55463/SN75463 are dual peripheral AND, NAND, and
OR drivers respectively (assuming positive logic), with the output of the gates internally connected to the bases
of the npn output transistors.
Series SN55461 drivers are characterized for operation over the full military temperature range of − 55
°C
to 125
°C. Series SN75461 drivers are characterized for operation from 0°C to 70°C.
1
2
3
4
8
7
6
5
1A
1B
1Y
GND
VCC
2B
2A
2Y
SN55461, SN55462, SN55463 . . . JG PACKAGE
SN75461, SN75462, SN75463 ...D OR P PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2B
NC
2A
NC
NC
1B
NC
1Y
NC
SN55461, SN55462, SN55463 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN55461JG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461JG TI-SN55461JG Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461JG TI-SN55461JG Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN55461JG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com