Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200AIDGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA200AIDGKR
Description  INA20x High-Side Measurement Current-Shunt Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200AIDGKR Datasheet(HTML) 5 Page - Texas Instruments

  INA200AIDGKR Datasheet HTML 1Page - Texas Instruments INA200AIDGKR Datasheet HTML 2Page - Texas Instruments INA200AIDGKR Datasheet HTML 3Page - Texas Instruments INA200AIDGKR Datasheet HTML 4Page - Texas Instruments INA200AIDGKR Datasheet HTML 5Page - Texas Instruments INA200AIDGKR Datasheet HTML 6Page - Texas Instruments INA200AIDGKR Datasheet HTML 7Page - Texas Instruments INA200AIDGKR Datasheet HTML 8Page - Texas Instruments INA200AIDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
Electrical Characteristics: Current-Shunt Monitor (continued)
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ connected from CMPOUT to VS,
and CMPIN = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT (VSENSE ≥ 20 mV)
INA200
20
V/V
G
Gain
INA201
50
V/V
INA202
100
V/V
VSENSE = 20 mV to 100 mV
±0.2%
±1%
Gain error
VSENSE = 20 mV to 100 mV, TA = –40°C to 125°C
±2%
VSENSE = 120 mV, VS = 16 V
±0.75%
±2.2%
Total output error(2)
VSENSE = 120 mV, VS = 16 V, TA = –40°C to 125°C
±3.5%
Nonlinearity error(3)
VSENSE = 20 mV to 100 mV
±0.002%
RO
Output impedance
1.5
Maximum capacitive load
No Sustained Oscillation
10
nF
OUTPUT (VSENSE < 20mV)
(4)
INA200, INA201,
–16 V
≤ VCM < 0 V
300
mV
INA202
INA200
0 V
≤ VCM ≤ VS, VS = 5 V
0.4
V
Output
INA201
0 V
≤ VCM ≤ VS, VS = 5 V
1
V
INA202
0 V
≤ VCM ≤ VS, VS = 5 V
2
V
INA200, INA201,
VS < VCM ≤ 80 V
300
mV
INA202
VOLTAGE OUTPUT(5)
Output swing to the positive rail
VIN– = 11 V, VIN+ = 12 V, TA = –40°C to 125°C
(Vs) – 0.15
(Vs) – 0.25
V
(GND) +
V
Output wwing to GND(6)
VIN– = 0 V, VIN+ = –0.5 V, TA = –40°C to 125°C
(GND) + 0.05
0.004
FREQUENCY RESPONSE
INA200
CLOAD = 5 pF
500
kHz
BW
Bandwidth
INA201
CLOAD = 5 pF
300
kHz
INA202
CLOAD = 5 pF
200
kHz
Phase margin
CLOAD < 10 nF
40
°C
SR
Slew rate
1
V/
μs
VSENSE = 10 mVPP to 100 mVPP,
Settling time (1%)
2
μs
CLOAD = 5 pF
NOISE, RTI
Voltage noise density
40
nV/
√Hz
(2)
Total output error includes effects of gain error and VOS.
(3)
Linearity is best fit to a straight line.
(4)
For details on this region of operation, see the Accuracy Variations section in the Device Functional Modes.
(5)
See Figure 8.
(6)
Specified by design.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA200AIDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200AIDGKR BURR-BROWN-INA200AIDGKR Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200AIDGKR BURR-BROWN-INA200AIDGKR Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200AIDGKR TI1-INA200AIDGKR Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200AIDGKRG4 BURR-BROWN-INA200AIDGKRG4 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200AIDGKRG4 BURR-BROWN-INA200AIDGKRG4 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
More results

Similar Description - INA200AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com