Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA129PAG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA129PAG4
Description  INA12x Precision, Low Power Instrumentation Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129PAG4 Datasheet(HTML) 4 Page - Texas Instruments

  INA129PAG4 Datasheet HTML 1Page - Texas Instruments INA129PAG4 Datasheet HTML 2Page - Texas Instruments INA129PAG4 Datasheet HTML 3Page - Texas Instruments INA129PAG4 Datasheet HTML 4Page - Texas Instruments INA129PAG4 Datasheet HTML 5Page - Texas Instruments INA129PAG4 Datasheet HTML 6Page - Texas Instruments INA129PAG4 Datasheet HTML 7Page - Texas Instruments INA129PAG4 Datasheet HTML 8Page - Texas Instruments INA129PAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V power supply
±2.25
±15
±18
V
Input common-mode voltage range for VO = 0
V – +2 V
V + –2 V
TA operating temperature INA128-HT
–55
175
°C
TA operating temperature INA129-HT
–55
210
°C
6.4 Thermal Information
INA12x
THERMAL METRIC(1)
D (SOIC)
P (PDIP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
110
46.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57
34.1
°C/W
RθJB
Junction-to-board thermal resistance
54
23.4
°C/W
ψJT
Junction-to-top characterization parameter
11
11.3
°C/W
ψJB
Junction-to-board characterization parameter
53
23.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
At TA = 25°C, VS = ±15 V, RL = 10 k
Ω, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
INA128P, U
±10±100/G
±50±500/G
INA129P, U
Initial
TA = 25°C
µV
INA128PA, UA
±25±100/G
±125±1000/G
INA129PA, UA
INA128P, U
±0.2±2/G
±0.5±0/G
INA129P, U
TA = TMIN to
vs Temperature
µV/°C
Offset
TMAX
INA128PA, UA
Voltage, RTI
±0.2±5/G
±1±20/G
INA129PA, UA
INA128P, U
±0.2±20/G
±1±100/G
INA129P, U
VS = ±2.25 V to
vs Power Supply
µV/V
±18 V
INA128PA, UA
±2±200/G
INA129PA, UA
Long-Term Stability
±0.1±3/g
µV/mo
Differential
1010 || 2
Impedance
Ω || pF
Common-Mode
1011 || 9
(V+) - 2
(V+) - 1.4
Common-Mode Voltage Range(1)
VO = 0 V
V
(V-) + 2
(V-) + 1.7
Safe Input Voltage
±40
V
(1)
Input common-mode range varies with output voltage - see Typical Characteristics.
4
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: INA128 INA129


Similar Part No. - INA129PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA129PA BURR-BROWN-INA129PA Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA129PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
[Old version datasheet]   INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com