Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA157UA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA157UA
Description  High-Speed, Precision DIFFERENCE AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA157UA Datasheet(HTML) 4 Page - Texas Instruments

  INA157UA Datasheet HTML 1Page - Texas Instruments INA157UA Datasheet HTML 2Page - Texas Instruments INA157UA Datasheet HTML 3Page - Texas Instruments INA157UA Datasheet HTML 4Page - Texas Instruments INA157UA Datasheet HTML 5Page - Texas Instruments INA157UA Datasheet HTML 6Page - Texas Instruments INA157UA Datasheet HTML 7Page - Texas Instruments INA157UA Datasheet HTML 8Page - Texas Instruments INA157UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
INA157
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, and G = 1/2, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
10
0
–10
–20
–30
COMMON-MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
100
80
60
40
RTO
POWER SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
0
–PSRR
RTO
+PSRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
40
30
20
10
0
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–20
–15
–10
–5
0
5
10
15
20
80
60
40
20
0
–20
–40
–60
–80
V
REF = 0V
R
L = 2kΩ
G = 1/2
V
S = ±15V
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
0.1
0.010
0.001
0.0001
V
O = 5Vrms
R
L = 600Ω
R
L = 100kΩ
R
L = 2kΩ


Similar Part No. - INA157UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA157UA BURR-BROWN-INA157UA Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
More results

Similar Description - INA157UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
   High Voltage, Precision Difference Amplifier
Rev. 0
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com