Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA125UE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA125UE4
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA125UE4 Datasheet(HTML) 5 Page - Texas Instruments

  INA125UE4 Datasheet HTML 1Page - Texas Instruments INA125UE4 Datasheet HTML 2Page - Texas Instruments INA125UE4 Datasheet HTML 3Page - Texas Instruments INA125UE4 Datasheet HTML 4Page - Texas Instruments INA125UE4 Datasheet HTML 5Page - Texas Instruments INA125UE4 Datasheet HTML 6Page - Texas Instruments INA125UE4 Datasheet HTML 7Page - Texas Instruments INA125UE4 Datasheet HTML 8Page - Texas Instruments INA125UE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
®
INA125
TYPICAL PERFORMANCE CURVES
At TA = +25°C and VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
60
50
40
30
20
10
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 500
G = 100
G = 10
G = 4
COMMON-MODE REJECTION vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 100, 500
G = 4
G = 10
G = 500
G = 100
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE, V
S = ±5V
Output Voltage (V)
–5
–4
5
–3
–2
–1
0
1
2
3
4
5
4
3
2
1
0
–1
–2
–3
–4
–5
Limited by A2 output
swing—see text
Limited by A2 output
swing—see text
V
S = ±5V
V
S = +5V
IA
REF = 0V
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
140
120
100
80
60
40
20
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 4
G = 10
G = 500
G = 100
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 4
G = 10
G = 100
G = 500
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE, V
S = ±15V
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
VD/2
+
+
VCM
VO
VD/2
IA
REF
–15V
+15V
+
Limited by A2 output
swing—see text
Limited by A2 output
swing—see text


Similar Part No. - INA125UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125UE4 TI1-INA125UE4 Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
More results

Similar Description - INA125UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com