Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA131APG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA131APG4
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA131APG4 Datasheet(HTML) 1 Page - Texas Instruments

  INA131APG4 Datasheet HTML 1Page - Texas Instruments INA131APG4 Datasheet HTML 2Page - Texas Instruments INA131APG4 Datasheet HTML 3Page - Texas Instruments INA131APG4 Datasheet HTML 4Page - Texas Instruments INA131APG4 Datasheet HTML 5Page - Texas Instruments INA131APG4 Datasheet HTML 6Page - Texas Instruments INA131APG4 Datasheet HTML 7Page - Texas Instruments INA131APG4 Datasheet HTML 8Page - Texas Instruments INA131APG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INA131
Precision G = 100
INSTRUMENTATION AMPLIFIER
DESCRIPTION
The INA131 is a low cost, general purpose G = 100
instrumentation amplifier offering excellent accuracy.
Its 3-op amp design and small size make it ideal for
a wide range of applications.
On-chip laser trimmed resistors accurately set a fixed
gain of 100. The INA131 is laser trimmed to achieve
very low offset voltage (50
µV max), drift (0.25µV/°C
max), and high CMR (110dB min). Internal input
protection can withstand up to
±40V inputs without
damage.
The INA131 is available in a 8-pin plastic DIP. They
are specified over the –40
°C to +85°C temperature
range.
FEATURES
q LOW OFFSET VOLTAGE: 50
µV max
q LOW DRIFT: 0.25
µV/
°C max
q LOW INPUT BIAS CURRENT: 2nA max
q HIGH COMMON-MODE REJECTION:
110dB min
q INPUT OVERVOLTAGE PROTECTION:
±40V
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q LOW QUIESCENT CURRENT: 3mA
q 8-PIN PLASTIC DIP
APPLICATIONS
q BRIDGE AMPLIFIER
q THERMOCOUPLE AMPLIFIER
q RTD SENSOR AMPLIFIER
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Over-Voltage
Protection
A
1
A
2
A
3
6
25k
5k
25k
25k
25k
5k
7
4
3
8
1
2
V
IN
V
IN
V+
V–
INA131
DIP
Ref
V
O = 100 (VIN – VIN)
+
+–
5
2.63k
Over-Voltage
Protection
INA131
©1992 Burr-Brown Corporation
PDS-1144E
Printed in U.S.A. March, 1998
SBOS016


Similar Part No. - INA131APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA131AP BURR-BROWN-INA131AP Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA131APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com