Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL300A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TIL300A
Description  PRECISION LINEAR OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TIL300A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TIL300A Datasheet HTML 1Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 2Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 3Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 4Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 5Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 6Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 7Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 8Page - List of Unclassifed Manufacturers TIL300A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TIL300, TIL300A
PRECISION LINEAR OPTOCOUPLER
TAOS018 – AUGUST 1999
3
www.taosinc.com
t
t
Electrical Characteristics at TA = 25°C (unless otherwise noted)
Emitter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
LED forward voltage
IF = 10 mA
1.25
1.50
V
Temperature coefficient of VF
–2.2
mV/
°C
IR
Reverse current
VR = 5 V
10
µA
tr
Rise time
IF = 10 mA,
∆IF = 2 mA
1
µs
tf
Fall time
IF = 10 mA,
∆IF = 2 mA
1
µs
Cj
Junction capacitance
VF = 0,
f = 1 MHz
15
pF
Detector
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDK†
Dark current
VR = -15 V,
IF = 0
25
nA
Open-circuit voltage
IF = 10 mA
0.5
V
IOS
Short-circuit current limit
IF = 10 mA
80
µA
Cj
Junction capacitance
VF = 0,
f = 1 MHz
12
pF
Coupler, detector bias voltage, VR = –15 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
K1
Servo current gain
IF = 1 mA
0.3%
0.7%
1.5%
K1
Servo-current gain
IF = 10 mA
0.5%
1.25%
2%
K2
Forward current gain
IF = 1 mA
0.3%
0.7%
1.5%
K2
Forward current gain
IF = 10 mA
0.5%
1.25%
2%
TIL300
IF = 1 mA
0.75
1
1.25
K3§
Transfer gain
TIL300
IF = 10 mA
0.75
1
1.25
K3§
Transfer gain
TIL300A
IF = 1 mA
0.9
1
1.10
TIL300A
IF = 10 mA
0.9
1
1.10
Gain temperature coefficient
K1/K2
I
10 mA
–0.5
%/
°C
Gain temperature coefficient
K3
IF = 10 mA
±0.005
%/
°C
∆K3
Transfer gain linearity
IF = 1 to 10 mA
±0.25%
∆K3
Transfer gain linearity
IF = 1 to 10 mA,
TA = 0 to 75°C
±0.5%
BW
Bandwidth
IF = 10 mA,
IF(MODULATION) = ±2 mA
RL = 1 kΩ,
200
kHz
tr
Rise time
IF = 10 mA,
IF(MODULATION) = ±2 mA
RL = 1 kΩ,
1.75
µs
tf
Fall time
IF = 10 mA,
IF(MODULATION) = ±2 mA
RL = 1 kΩ,
1.75
µs
Viso#
Peak isolation voltage
IIO = 10 µA,
f = 60 Hz,
time = 1 minute
3535
V
Servo-current gain (K1) is the ratio of the feedback photodiode current (IP1) to the input LED current (IF) current (IF), i.e. K1 = IP1/IF.
Forward gain (K2 is the ratio of the output photodiode current (IP2) to the input LED current (IF), i.e. K2 = IP2/IF.
§ Transfer gain (K3) is the ratio of the forward gain to the servo-current gain, i.e. K3 = K2/K1.
Transfer gain linearity
(∆K3) is the percent deviation of the transfer gain K3 as a function of LED input current (IF) or the package temperature.
# This symbol is not currently listed within EIA or JEDEC standards for semiconductor symbology.


Similar Part No. - TIL300A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL300A TI1-TIL300A Datasheet
102Kb / 6P
[Old version datasheet]   PRECISION LINEAR OPTOCOUPLER
TIL300ADCS TI1-TIL300ADCS Datasheet
102Kb / 6P
[Old version datasheet]   PRECISION LINEAR OPTOCOUPLER
More results

Similar Description - TIL300A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL300 TI1-TIL300 Datasheet
102Kb / 6P
[Old version datasheet]   PRECISION LINEAR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
   LINEAR OPTOCOUPLER
logo
IXYS Corporation
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
   Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
   Linear Optocoupler
logo
IXYS Corporation
LOC111-G IXYS-LOC111-G Datasheet
123Kb / 6P
   Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
   Linear Optocoupler
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
   Linear Optocoupler
logo
IXYS Corporation
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
   Linear Optocoupler
logo
Clare, Inc.
LOC117 CLARE-LOC117 Datasheet
296Kb / 5P
   Linear Optocoupler
logo
Solid State Optronic
SLC1610 SSOUSA-SLC1610 Datasheet
194Kb / 7P
   Linear Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com