Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7831FDWWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7831FDWWR
Description  High-Performance, 8000-VPK Reinforced Triple Digital Isolators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7831FDWWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7831FDWWR Datasheet HTML 1Page - Texas Instruments ISO7831FDWWR Datasheet HTML 2Page - Texas Instruments ISO7831FDWWR Datasheet HTML 3Page - Texas Instruments ISO7831FDWWR Datasheet HTML 4Page - Texas Instruments ISO7831FDWWR Datasheet HTML 5Page - Texas Instruments ISO7831FDWWR Datasheet HTML 6Page - Texas Instruments ISO7831FDWWR Datasheet HTML 7Page - Texas Instruments ISO7831FDWWR Datasheet HTML 8Page - Texas Instruments ISO7831FDWWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7831, ISO7831F
SLLSEP8B – JULY 2015 – REVISED JUNE 2016
ISO7831x High-Performance, 8000-VPK Reinforced Triple Digital Isolators
1
1 Features
1
Signaling Rate: Up to 100 Mbps
Wide Supply Range: 2.25 V to 5.5 V
2.25 V to 5.5 V Level Translation
Wide Temperature Range: –55°C to 125°C
Low Power Consumption, Typical 1.7 mA per
Channel at 1 Mbps
Low Propagation Delay: 11 ns Typical
(5-V Supplies)
Industry leading CMTI (min): ±100 kV/μs
Robust Electromagnetic Compatibility (EMC)
System-Level ESD, EFT, and Surge Immunity
Low Emissions
Isolation Barrier Life: > 40 Years
SOIC-16 Wide Body (DW) and Extra-Wide Body
(DWW) Package Options
Safety-Related Certifications:
8000 VPK Reinforced Isolation per DIN V VDE
V 0884-10 (VDE V 0884-10):2006-12
5.7 kVRMS Isolation for 1 Minute per UL 1577
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
CQC Certification per GB4943.1-2011
TUV Certification per EN 61010-1 and EN
60950-1
All DW Package Certifications Complete;
DWW Package Certifications Complete per
UL, VDE, TUV and Planned for CSA and CQC
2 Applications
Industrial Automation
Motor Control
Power Supplies
Solar Inverters
Medical Equipment
Hybrid Electric Vehicles
3 Description
The ISO7831x device is a high-performance, 3-
channel
digital
isolator
with
8000-VPK isolation
voltage.
This
device
has
reinforced
isolation
certifications according to VDE, CSA, TUV and CQC.
The isolator provides high electromagnetic immunity
and low emissions at low power consumption, while
isolating CMOS or LVCMOS digital I/Os.
Each isolation channel has a logic input and output
buffer separated by silicon dioxide (SiO2) insulation
barrier. This device comes with enable pins which
can be used to put the respective outputs in high
impedance for multi-master driving applications and
to reduce power consumption. The ISO7831x device
has two forward and one reverse-direction channels.
If the input power or signal is lost, the default output
is high for the ISO7831 device and low for the
ISO7831F device. See Device Functional Modes for
further details.
Used in conjunction with isolated power supplies, this
device helps prevent noise currents on a data bus or
other circuits from entering the local ground and
interfering
with
or
damaging
sensitive
circuitry.
Through
innovative
chip
design
and
layout
techniques,
electromagnetic
compatibility
of
ISO7831x has been significantly enhanced to ease
system-level
ESD,
EFT,
surge,
and
emissions
compliance. ISO7831x is available in a 16-pin SOIC
wide-body
(DW)
and
extra-wide
body
(DWW)
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7831
ISO7831F
DW (16)
10.30 mm × 7.50 mm
DWW (16)
10.30 mm × 14.0 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
VCCI and GNDI are supply and ground
connections respectively for the input
channels.
VCCO and GNDO are supply and ground
connections respectively for the output
channels.


Similar Part No. - ISO7831FDWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7831F TI-ISO7831F Datasheet
1Mb / 32P
[Old version datasheet]   ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
More results

Similar Description - ISO7831FDWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7830 TI1-ISO7830 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI-ISO7830_15 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7830 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7831 TI-ISO7831 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com