Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7830FDWW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7830FDWW
Description  High-Performance, 8000-VPK Reinforced Triple Digital Isolators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7830FDWW Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7830FDWW Datasheet HTML 2Page - Texas Instruments ISO7830FDWW Datasheet HTML 3Page - Texas Instruments ISO7830FDWW Datasheet HTML 4Page - Texas Instruments ISO7830FDWW Datasheet HTML 5Page - Texas Instruments ISO7830FDWW Datasheet HTML 6Page - Texas Instruments ISO7830FDWW Datasheet HTML 7Page - Texas Instruments ISO7830FDWW Datasheet HTML 8Page - Texas Instruments ISO7830FDWW Datasheet HTML 9Page - Texas Instruments ISO7830FDWW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
ISO7830, ISO7830F
SLLSEO2B – JULY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: ISO7830 ISO7830F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO7830
UNIT
DW (SOIC)
DWW (SOIC)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
81.1
83.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
43.8
45.2
°C/W
RθJB
Junction-to-board thermal resistance
45.7
54.1
°C/W
ψJT
Junction-to-top characterization parameter
17.0
17.6
°C/W
ψJB
Junction-to-board characterization parameter
45.2
53.3
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
°C/W
6.5 Power Rating
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
CL = 15 pF, input a 50 MHz 50% duty
cycle square wave
150
mW
PD1
Maximum power dissipation by side-1
25
mW
PD2
Maximum power dissipation by side-2
125
mW


Similar Part No. - ISO7830FDWW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7830 TI-ISO7830_15 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7830 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
More results

Similar Description - ISO7830FDWW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI-ISO7830_15 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7830 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7831 TI-ISO7831 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com