Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7831DWWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7831DWWR
Description  High-Performance, 8000-VPK Reinforced Triple Digital Isolators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7831DWWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7831DWWR Datasheet HTML 5Page - Texas Instruments ISO7831DWWR Datasheet HTML 6Page - Texas Instruments ISO7831DWWR Datasheet HTML 7Page - Texas Instruments ISO7831DWWR Datasheet HTML 8Page - Texas Instruments ISO7831DWWR Datasheet HTML 9Page - Texas Instruments ISO7831DWWR Datasheet HTML 10Page - Texas Instruments ISO7831DWWR Datasheet HTML 11Page - Texas Instruments ISO7831DWWR Datasheet HTML 12Page - Texas Instruments ISO7831DWWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
ISO7831, ISO7831F
www.ti.com
SLLSEP8B – JULY 2015 – REVISED JUNE 2016
Product Folder Links: ISO7831 ISO7831F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
(2)
Measured from input pin to ground.
6.9 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 13
VCCO
(1) – 0.4
VCCO – 0.2
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 13
0.2
0.4
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 × VCCI
(1)
V
IIH
High-level input current
VIH = VCCI at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI or 0 V, VCM = 1500 V; see
Figure 16
100
kV/μs
CI
Input capacitance (2)
VI = VCC / 2 + 0.4 × sin (2πft), f = 1 MHz, VCC
= 5 V
2
pF
6.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
Supply current - disable
EN1 = EN2 = 0 V, VI = 0 V (Devices with suffix
F),
VI = VCCI (Devices without suffix F)
ICC1
1
1.6
mA
ICC2
0.8
1.3
EN2 = 0 V, VI = VCCI (Devices with suffix F),
VI = 0 V (Devices without suffix F)
ICC1
3.3
4.8
ICC2
2
2.9
Supply current - DC
signal
VI = 0 V (Devices with suffix F),
VI = VCCI (Devices without suffix F)
ICC1
1.4
2.3
ICC2
1.7
2.6
VI = VCCI (Devices with suffix F),
VI = 0 V (Devices without suffix F)
ICC1
3.8
5.6
ICC2
3
4.3
Supply current - AC
signal
All channels switching with square
wave clock input;
CL = 15 pF
1 Mbps
ICC1
2.6
4
ICC2
2.4
3.6
10 Mbps
ICC1
3.2
4.5
ICC2
3.4
4.6
100 Mbps
ICC1
8.7
10.5
ICC2
13.2
15.8


Similar Part No. - ISO7831DWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7831 TI-ISO7831 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7831F TI-ISO7831F Datasheet
1Mb / 32P
[Old version datasheet]   ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
More results

Similar Description - ISO7831DWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7830 TI1-ISO7830 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI-ISO7830_15 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7830 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7831 TI-ISO7831 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com