Electronic Components Datasheet Search |
|
ISO7342FCDW Datasheet(PDF) 11 Page - Texas Instruments |
|
|
ISO7342FCDW Datasheet(HTML) 11 Page - Texas Instruments |
11 / 37 page 11 ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC www.ti.com SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016 Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated (1) VCCO is supply voltage, VCC1 or VCC2, for the output channel being measured. (2) Measured from input pin to ground. 7.9 Electrical Characteristics—5-V Supply VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOH High-level output voltage IOH = –4 mA; see Figure 14 VCCO (1) – 0.5 4.7 V IOH = –20 μA; see Figure 14 VCCO (1) – 0.1 5 VOL Low-level output voltage IOL = 4 mA; see Figure 14 0.2 0.4 V IOL = 20 μA; see Figure 14 0 0.1 VI(HYS) Input threshold voltage hysteresis 480 mV IIH High-level input current VIH = VCC at INx or ENx 10 μA IIL Low-level input current VIL = 0 V at INx or ENx –10 μA CMTI Common-mode transient immunity VI = VCC or 0 V; see Figure 17 25 70 kV/μs CI Input capacitance(2) VI = VCC/2 + 0.4 sin (2πft), f = 1 MHz, VCC = 5 V 3.4 pF 7.10 Supply Current Characteristics—5-V Supply All inputs switching with square wave clock signal for dynamic ICC measurement. VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted) PARAMETER TEST CONDITIONS SUPPLY CURRENT MIN TYP MAX UNIT ISO7340x Supply current EN = 0 V Disable ICC1 0.6 1.4 mA ICC2 0.4 0.8 DC Signal: VI = VCC or 0 V, AC Signal: All channels switching with square wave clock input; CL = 15 pF DC to 1 Mbps ICC1 0.6 1.4 ICC2 3.2 4.8 10 Mbps ICC1 1.4 2.3 ICC2 5.6 7.1 25 Mbps ICC1 2.7 4 ICC2 9.3 12 ISO7341x Supply current EN1 = EN2 = 0 V Disable ICC1 0.8 1.8 mA ICC2 0.7 1.3 DC Signal: VI = VCC or 0 V, AC Signal: All channels switching with square wave clock input; CL = 15 pF DC to 1 Mbps ICC1 2 3.2 ICC2 2.9 4.4 10 Mbps ICC1 3.2 4.5 ICC2 4.9 6.5 25 Mbps ICC1 5 7 ICC2 7.8 11 ISO7342x Supply current EN1 = EN2 = 0 V Disable ICC1, ICC2 0.7 1.6 mA DC Signal: VI = VCC or 0 V, AC Signal: All channels switching with square wave clock input; CL = 15 pF DC to 1 Mbps ICC1, ICC2 2.5 4 10 Mbps ICC1, ICC2 4.1 5.6 25 Mbps ICC1, ICC2 6.4 9 |
Similar Part No. - ISO7342FCDW |
|
Similar Description - ISO7342FCDW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |