Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7342CQDWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7342CQDWRQ1
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7342CQDWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7342CQDWRQ1 Datasheet HTML 1Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 2Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 3Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 4Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 5Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 6Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 7Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 8Page - Texas Instruments ISO7342CQDWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
OUTC
OUTA
INC
OUTB
IND
EN2
EN1
GND1
GND1
V
CC1
OUTD
V
CC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
EN1
INA
GND1
INB
INC
OUTD
GND1
V
CC1
GND2
GND2
OUTA
OUTC
OUTB
EN2
IND
V
CC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
INA
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
IND
OUTD
GND1
V
CC1
V
CC2
4
ISO7340-Q1, ISO7341-Q1, ISO7342-Q1
SLLSEK5A – JULY 2015 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340-Q1 ISO7341-Q1 ISO7342-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
DW Package
16-Pin SOIC
ISO7340-Q1 Top View
DW Package
16-Pin SOIC
ISO7341-Q1 Top View
DW Package
16-Pin SOIC
ISO7342-Q1 Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ISO7340-Q1
ISO7341-Q1
ISO7342-Q1
EN
10
I
Output enable. All output pins are enabled when EN is high or
disconnected and disabled when EN is low.
EN1
7
7
I
Output enable 1. Output pins on side-1 are enabled when EN1 is
high or disconnected and disabled when EN1 is low.
EN2
10
10
I
Output enable 2. Output pins on side-2 are enabled when EN2 is
high or disconnected and disabled when EN2 is low.
GND1
2
2
2
Ground connection for VCC1
8
8
8
GND2
9
9
9
Ground connection for VCC2
15
15
15
INA
3
3
3
I
Input, channel A
INB
4
4
4
I
Input, channel B
INC
5
5
12
I
Input, channel C
IND
6
11
11
I
Input, channel D
NC
7
No connect pins are floating with no internal connection
OUTA
14
14
14
O
Output, channel A
OUTB
13
13
13
O
Output, channel B
OUTC
12
12
5
O
Output, channel C
OUTD
11
6
6
O
Output, channel D
VCC1
1
1
1
Power supply, VCC1
VCC2
16
16
16
Power supply, VCC2


Similar Part No. - ISO7342CQDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7342C TI1-ISO7342C Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342CDW TI1-ISO7342CDW Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342CDWR TI1-ISO7342CDWR Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results

Similar Description - ISO7342CQDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740 Datasheet
1Mb / 41P
[Old version datasheet]   High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
[Old version datasheet]   ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
[Old version datasheet]   ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com