Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7341FCQDWQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7341FCQDWQ1
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7341FCQDWQ1 Datasheet(HTML) 5 Page - Texas Instruments

  ISO7341FCQDWQ1 Datasheet HTML 1Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 2Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 3Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 4Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 5Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 6Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 7Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 8Page - Texas Instruments ISO7341FCQDWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
ISO7340-Q1, ISO7341-Q1, ISO7342-Q1
www.ti.com
SLLSEK5A – JULY 2015 – REVISED AUGUST 2016
Product Folder Links: ISO7340-Q1 ISO7341-Q1 ISO7342-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V.
7 Specifications
7.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
VCC1, VCC2
–0.5
6
V
Voltage
INx, OUTx, ENx
–0.5
VCC + 0.5
(3)
V
IO
Output current
±15
mA
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±4000
V
Charged-device model (CDM), per AEC Q100-011
±1500
(1)
To maintain the recommended operating conditions for TJ, see the Thermal Information table.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1, VCC2
Supply voltage
3
5.5
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
V
tui
Input pulse duration
40
ns
1 / tui
Signaling rate
0
25
Mbps
TJ
Junction temperature(1)
136
°C
TA
Ambient temperature
–40
25
125
°C


Similar Part No. - ISO7341FCQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7341FC TI1-ISO7341FC Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7341FCDW TI1-ISO7341FCDW Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7341FCDWR TI1-ISO7341FCDWR Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results

Similar Description - ISO7341FCQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740 Datasheet
1Mb / 41P
[Old version datasheet]   High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
[Old version datasheet]   ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
[Old version datasheet]   ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com