Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO122UE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122UE4
Description  Precision Lowest-Cost Isolation Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO122UE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO122UE4 Datasheet HTML 6Page - Texas Instruments ISO122UE4 Datasheet HTML 7Page - Texas Instruments ISO122UE4 Datasheet HTML 8Page - Texas Instruments ISO122UE4 Datasheet HTML 9Page - Texas Instruments ISO122UE4 Datasheet HTML 10Page - Texas Instruments ISO122UE4 Datasheet HTML 11Page - Texas Instruments ISO122UE4 Datasheet HTML 12Page - Texas Instruments ISO122UE4 Datasheet HTML 13Page - Texas Instruments ISO122UE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
R
1
C
2
1000pF
A
1
OPA602
4.75kW
7
R
2
9.76kW
Gnd1
Gnd2
C
1
220pF
15
16
V
IN
–V
S1
2
+V
S1
1
–V
S2
10
+V
S2
9
8
ISO
122
In
Gnd
V
OUT = VIN
ISO122
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
www.ti.com
Application Information (continued)
package insulation processes have been characterized and developed to yield an inception voltage in excess of
2400 Vrms so that transient overvoltages below this level will not damage the ISO122. The extinction voltage is
above 1500 Vrms so that even overvoltage induced partial discharge will cease once the barrier voltage is
reduced to the 1500 Vrms (rated) level. Older high-voltage test methods relied on applying a large enough
overvoltage (above rating) to break down marginal parts, but not so high as to damage good ones. Our new
partial discharge testing gives us more confidence in barrier reliability than breakdown/no breakdown criteria.
9.2 Typical Application
9.2.1 Output Filter
Figure 10. ISO122 With Output Filter for Improved Ripple
9.2.1.1 Design Requirements
The ISO122 isolation amplifiers (ISO amps) have a small (10 to 20 mVp-p typical) residual demodulator ripple at
the output. A simple filter can be added to eliminate the output ripple without decreasing the 50-kHz signal
bandwidth of the ISO amp.
9.2.1.2 Detailed Design Procedure
The ISO122 is designed to have a 50-kHz single-pole (Butterworth) signal response. By cascading the ISO amp
with a simple 50-kHz, Q = 1, two-pole, low-pass filter, the overall signal response becomes three-pole
Butterworth. The result is a maximally flat 50-kHz magnitude response and the output ripple reduced below the
noise level. Figure 10 shows the complete circuit. The two-pole filter is a unity-gain Sallen-Key type consisting of
A1, R1, R2, C1, and C2. The values shown give Q = 1 and f–3-dB bandwidth = 50 kHz. Because the op amp is
connected as a unity-gain follower, gain and gain accuracy of the ISO amp are unaffected. Using a precision op
amp such as the OPA602 also preserves the DC accuracy of the ISO amp.
10
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: ISO122


Similar Part No. - ISO122UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO122UE4 TI-ISO122UE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO122UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com