Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7320-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7320-Q1
Description  Robust EMC, Low Power, Dual-Channel Digital Isolators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7320-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7320-Q1_16 Datasheet HTML 1Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 2Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 3Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 4Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 5Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 6Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 7Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 8Page - Texas Instruments ISO7320-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ISO7320-Q1
ISO7321-Q1
SLLSER4 – NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
VCC1 , VCC2
–0.5
6
V
Voltage(2)
INx, OUTx
–0.5
VCC+ 0.5
(3)
V
IO
Output current
±15
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal and are peak voltage values.
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±1500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1, VCC2
Supply voltage,
3
5.5
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
V
tui
Input pulse duration
40
ns
1 / tui
Signaling rate
0
25
Mbps
TJ
(1)
Junction temperature
136
°C
TA
Ambient temperature
-40
25
125
°C
(1)
To maintain the recommended operating conditions for TJ, see the Thermal Information table.
6.4 Thermal Information
ISO732x-Q1
THERMAL METRIC(1)
D (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
121
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
67.9
°C/W
RθJB
Junction-to-board thermal resistance
61.6
°C/W
ψJT
Junction-to-top characterization parameter
21.5
°C/W
ψJB
Junction-to-board characterization parameter
61.1
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7320-Q1 ISO7321-Q1


Similar Part No. - ISO7320-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320-Q1 TI-ISO7320-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   ISO732x-Q1 Robust EMC, Low Power, Dual-Channel Digital Isolators
More results

Similar Description - ISO7320-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320 TI-ISO7320_15 Datasheet
1Mb / 26P
[Old version datasheet]   ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320-Q1 TI-ISO7320-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   ISO732x-Q1 Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com