Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2132UG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA2132UG4
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2132UG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA2132UG4 Datasheet HTML 6Page - Texas Instruments INA2132UG4 Datasheet HTML 7Page - Texas Instruments INA2132UG4 Datasheet HTML 8Page - Texas Instruments INA2132UG4 Datasheet HTML 9Page - Texas Instruments INA2132UG4 Datasheet HTML 10Page - Texas Instruments INA2132UG4 Datasheet HTML 11Page - Texas Instruments INA2132UG4 Datasheet HTML 12Page - Texas Instruments INA2132UG4 Datasheet HTML 13Page - Texas Instruments INA2132UG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
®
INA2132
12 (10)
13 (9)
V
0
INA2132
V
0 = – V2
2 (6)
V
2
3 (5)
14 (8)
V
3
12 (10)
13 (9)
3 (5)
2 (6)
INA2132
14 (8)
V
0
V
0 = V3/2
= 1/2 V
3
V
1
12 (10)
13 (9)
3 (5)
14 (8)
2 (6)
V
0
INA2132
V
0 = (V1 + V3)/2
V
3
V
1
12 (10)
13 (9)
3 (5)
14 (8)
2 (6)
V
0
INA2132
V
0 = V1
V
1
12 (10)
13 (9)
3 (5)
14 (8)
V
0
INA2132
V
0 = 2 • V1
2 (6)
V
1
12 (10)
13 (9)
3 (5)
14 (8)
V
0
INA2132
V
0 = V1 + V3
2 (6)
V
3
FIGURE 11. Precision Inverting Unity-Gain Amplifier.
FIGURE 12. Precision Gain = 1/2 Amplifier.
FIGURE 13. Precision Average Value Amplifier.
FIGURE 14. Precision Unity-Gain Buffer.
FIGURE 15. Precision Gain = 2 Amplifier.
FIGURE 16. Precision Summing Amplifier.


Similar Part No. - INA2132UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2132U BURR-BROWN-INA2132U Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA BURR-BROWN-INA2132UA Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA2132UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com