Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2141UE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA2141UE4
Description  INSTRUMENTATION AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2141UE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA2141UE4 Datasheet HTML 3Page - Texas Instruments INA2141UE4 Datasheet HTML 4Page - Texas Instruments INA2141UE4 Datasheet HTML 5Page - Texas Instruments INA2141UE4 Datasheet HTML 6Page - Texas Instruments INA2141UE4 Datasheet HTML 7Page - Texas Instruments INA2141UE4 Datasheet HTML 8Page - Texas Instruments INA2141UE4 Datasheet HTML 9Page - Texas Instruments INA2141UE4 Datasheet HTML 10Page - Texas Instruments INA2141UE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
®
INA2141
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V unless otherwise noted.
G = 10
G = 100
5
µs/div
LARGE-SIGNAL STEP RESPONSE
G = 10
G = 100
SMALL-SIGNAL STEP RESPONSE
5
µs/div
20mV/div
5V/div


Similar Part No. - INA2141UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2141U BURR-BROWN-INA2141U Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA2141UA BURR-BROWN-INA2141UA Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2141UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com