Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO122JP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122JP
Description  Precision Lowest-Cost Isolation Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO122JP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO122JP Datasheet HTML 4Page - Texas Instruments ISO122JP Datasheet HTML 5Page - Texas Instruments ISO122JP Datasheet HTML 6Page - Texas Instruments ISO122JP Datasheet HTML 7Page - Texas Instruments ISO122JP Datasheet HTML 8Page - Texas Instruments ISO122JP Datasheet HTML 9Page - Texas Instruments ISO122JP Datasheet HTML 10Page - Texas Instruments ISO122JP Datasheet HTML 11Page - Texas Instruments ISO122JP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1pF
200µA
100µA
200kW
Isolation Barrier
1pF
1pF
200µA
100µA
200kW
V
IN
+
Osc
Gnd 1 –V
S1
+V
S1
V
OUT
S/H
G = 6
S/H
G = 1
Gnd 2
+V
S2
–V
S2
+
A2
Sense
Sense
A1
150pF
150pF
1pF
| |
ISO122
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The ISO122 isolation amplifier uses an input and an output section galvanically isolated by matched 1-pF
isolating capacitors built into the plastic package. The input is duty-cycle modulated and transmitted digitally
across the barrier. The output section receives the modulated signal, converts it back to an analog voltage and
removes the ripple component inherent in the demodulation. Input and output sections are fabricated, then laser
trimmed for exceptional circuitry matching common to the input and output sections. The sections are then
mounted on opposite ends of the package with the isolating capacitors mounted between the two sections. The
ISO122 contains 250 transistors.
8.1.1 Modulator
An input amplifier (A1, Functional Block Diagram) integrates the difference between the input current (VIN/200
k
Ω) and a switched ±100-mA current source. This current source is implemented by a switchable 200-mA source
and a fixed 100-µA current sink. To understand the basic operation of the modulator, assume that VIN = 0 V. The
integrator will ramp in one direction until the comparator threshold is exceeded. The comparator and sense amp
will force the current source to switch; the resultant signal is a triangular waveform with a 50% duty cycle. The
internal oscillator forces the current source to switch at 500 kHz. The resultant capacitor drive is a
complementary duty-cycle modulation square wave.
8.1.2 Demodulator
The sense amplifier detects the signal transitions across the capacitive barrier and drives a switched current
source into integrator A2. The output stage balances the duty-cycle modulated current against the feedback
current through the 200 kW feedback resistor, resulting in an average value at the VOUT pin equal to VIN. The
sample and hold amplifiers in the output feedback loop serve to remove undesired ripple voltages inherent in the
demodulation process.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Isolation Amplifier
The ISO122 is a precision analog isolation amplifier. The input signal is transmitted digitally across a high-voltage
differential capacitive barrier. With digital modulation the barrier characteristics do affect signal integrity, resulting
in excellent reliability and high-frequency transient immunity.
8
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: ISO122


Similar Part No. - ISO122JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122JP BURR-BROWN-ISO122JP Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122JP TI-ISO122JP Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
ISO122JPE4 TI-ISO122JPE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO122JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com