Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2141U Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA2141U
Description  INSTRUMENTATION AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2141U Datasheet(HTML) 2 Page - Texas Instruments

  INA2141U Datasheet HTML 1Page - Texas Instruments INA2141U Datasheet HTML 2Page - Texas Instruments INA2141U Datasheet HTML 3Page - Texas Instruments INA2141U Datasheet HTML 4Page - Texas Instruments INA2141U Datasheet HTML 5Page - Texas Instruments INA2141U Datasheet HTML 6Page - Texas Instruments INA2141U Datasheet HTML 7Page - Texas Instruments INA2141U Datasheet HTML 8Page - Texas Instruments INA2141U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
®
INA2141
2
SPECIFICATIONS
At T
A = +25°C, VS = ±15V, and RL = 10kΩ, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA2141P, U
INA2141PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
T Specification same as INA2141P, U.
NOTE: (1) Input common-mode range varies with output voltage—see typical curves. (2) Guaranteed by wafer test.
INPUT
Offset Voltage, RTI
G = 100
±20
±50
T
±125
µV
G = 10
±50
±100
T
±250
µV
vs Temperature
G = 100
±0.2
±0.5
T
±1.5
µV/°C
G = 10(2)
±0.5
±2
T
±5
µV/°C
vs Power Supply
VS = ±2.25 to ±18V, G = 100
±1
±2
T
±5
µV/V
G = 10
±2
±10
T
±20
µV/V
Long-Term Stability
G = 100
0.2
T
µV/mo
G = 10
0.5
T
µV/mo
Impedance, Differential
1010 || 2
T
Ω || pF
Common-Mode
1010 || 9
T
Ω || pF
Common-Mode Voltage Range(1)
VO = 0V
(V+) – 2
(V+) – 1.4
TT
V
(V–) + 2
(V–) + 1.7
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±13V, ∆RS = 1kΩ
G = 100
117
125
110
120
dB
G = 10
97
106
93
100
dB
BIAS CURRENT
±2
±5
T
±10
nA
vs Temperature
±30
T
pA/
°C
Offset Current
±1
±5
T
±10
nA
vs Temperature
±30
T
pA/
°C
NOISE VOLTAGE, RTI
f = 10Hz
G = 100, RS = 0Ω
10
T
nV/
√Hz
f = 100Hz
8
T
nV/
√Hz
f = 1kHz
8
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.2
T
µVp-p
f = 10Hz
G = 10, RS = 0Ω
22
T
nV/
√Hz
f = 100Hz
13
T
nV/
√Hz
f = 1kHz
12
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.6
T
µVp-p
Noise Current
f = 10Hz
0.9
T
pA/
√Hz
f = 1kHz
0.3
T
pA/
√Hz
fB = 0.1Hz to 10Hz
30
T
pAp-p
GAIN
Gain Error
VO = ±13.6V, G = 100
±0.03
±0.075
T
±0.15
%
G = 10
±0.01
±0.05
T
±0.15
%
Gain vs Temperature(2)
G = 10, 100
±2
±10
TT
ppm/
°C
Nonlinearity
G = 100
±0.0005
±0.002
T
±0.004
% of FSR
G = 10
±0.0003
±0.001
T
±0.002
% of FSR
OUTPUT
Voltage: Positive
RL = 10kΩ
(V+) – 1.4
(V+) – 0.9
TT
V
Negative
RL = 10kΩ
(V–) + 1.4
(V–) + 0.9
TT
V
Load Capacitance Stability
1000
T
pF
Short-Circuit Current
+6/–15
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 100
200
T
kHz
G = 10
1
T
MHz
Slew Rate
VO = ±10V, G = 10
4
T
V/
µs
Settling Time, 0.01%
VO = ±5V, G = 100
9
T
µs
G = 10
7
T
µs
Overload Recovery
50% Overdrive
4
T
µs
POWER SUPPLY
Voltage Range
±2.25
±15
±18
TT
T
V
Current, Total
VIN = 0V
±1.5
±1.6
TT
mA
TEMPERATURE RANGE
Specification
–40
85
TT
°C
Operating
–40
125
TT
°C
θ
JA
80
T
°C/W


Similar Part No. - INA2141U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2141U BURR-BROWN-INA2141U Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA2141UA BURR-BROWN-INA2141UA Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2141U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com