Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO122 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122
Description  Precision Lowest-Cost Isolation Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO122 Datasheet(HTML) 5 Page - Texas Instruments

  ISO122 Datasheet HTML 1Page - Texas Instruments ISO122 Datasheet HTML 2Page - Texas Instruments ISO122 Datasheet HTML 3Page - Texas Instruments ISO122 Datasheet HTML 4Page - Texas Instruments ISO122 Datasheet HTML 5Page - Texas Instruments ISO122 Datasheet HTML 6Page - Texas Instruments ISO122 Datasheet HTML 7Page - Texas Instruments ISO122 Datasheet HTML 8Page - Texas Instruments ISO122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ISO122
www.ti.com
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
7.5 Electrical Characteristics
At TA = +25°C , VS1 = VS2 = ±15 V, and RL = 2 kΩ, unless otherwise noted.
ISO122P/U
ISO122JP/JU
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
ISOLATION
Voltage rated continuous ac 60Hz
1500
1500
Vac
100% Test(1)
1s, 5pc PD
2400
2400
Vac
Isolation Mode Rejection
60Hz
140
140
dB
Barrier Impedance
1014 || 2
1014 || 2
Ω || pF
Leakage Current at 60Hz
VISO = 240Vrms
0.18
0.5
0.18
0.5
µArms
GAIN
Nominal Gain
1
1
V/V
VO = ±10V
Gain Error
±0.05
±0.50
±0.05
±0.50
%FSR
Gain vs Temperature
±10
±10
ppm/°C
Nonlinearity(2)
±0.016 ±0.020
±0.025
±0.050
%FSR
INPUT OFFSET VOLTAGE
Initial Offset
±20
±50
±20
±50
mV
vs Temperature
±200
±200
µV/°C
vs Supply
±2
±2
mV/V
Noise
4
µV/
√Hz
INPUT
Voltage Range
±10
±12.5
±10
±12.5
V
Resistance
200
200
k
Ω
OUTPUT
Voltage Range
±10
±12.5
±10
±12.5
V
Current Drive
±5
±15
±5
±15
mA
Capacitive Load Drive
0.1
0.1
µF
Ripple Voltage(3)
20
20
mVp-p
FREQUENCY RESPONSE
Small-Signal Bandwidth
50
50
kHz
Slew Rate
2
2
V/µs
Settling Time 0.10%
50
50
µs
VO = ±10V
Settling Time 0.01%
350
350
µs
Overload Recovery Time
150
150
µs
POWER SUPPLIES
Rated Voltage
±15
±15
V
Voltage Range
±4.5
±18
±4.5
±18
V
VS1
±5
±7
±5
±7
Quiescent Current
mA
VS2
±5.5
±7
±5.5
±7
TEMPERATURE RANGE
Specification
–25
85
–25
85
°C
Operating
–25
85
–25
85
°C
Storage
–40
125
–40
125
°C
θJA
100
100
°C/W
Thermal Resistance
θJC
65
65
°C/W
(1)
Tested at 1.6 X rated, fail on 5pC partial discharge.
(2)
Nonlinearity is the peak deviation of the output voltage from the best-fit straight line. It is expressed as the ratio of deviation to FSR.
(3)
Ripple frequency is at carrier frequency (500kHz).
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO122


Similar Part No. - ISO122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI-ISO122 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
ISO1228 TI1-ISO1228 Datasheet
1Mb / 38P
[Old version datasheet]   ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
JUNE 2023
ISO1228 TI1-ISO1228 Datasheet
1Mb / 44P
[Old version datasheet]   ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
FEBRUARY 2024
ISO1228DFBR TI1-ISO1228DFBR Datasheet
1Mb / 44P
[Old version datasheet]   ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
FEBRUARY 2024
More results

Similar Description - ISO122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com