Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA330AIDGST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA330AIDGST
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA330AIDGST Datasheet(HTML) 5 Page - Texas Instruments

  INA330AIDGST Datasheet HTML 1Page - Texas Instruments INA330AIDGST Datasheet HTML 2Page - Texas Instruments INA330AIDGST Datasheet HTML 3Page - Texas Instruments INA330AIDGST Datasheet HTML 4Page - Texas Instruments INA330AIDGST Datasheet HTML 5Page - Texas Instruments INA330AIDGST Datasheet HTML 6Page - Texas Instruments INA330AIDGST Datasheet HTML 7Page - Texas Instruments INA330AIDGST Datasheet HTML 8Page - Texas Instruments INA330AIDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
INA330
5
SBOS260
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, V1 = V2 = +1V, VADJUST = +2.5V, RSET = 10kΩ, RTHERM = 10kΩ (5%), RG = 200kΩ, CFILTER = 500pF, and external 1kHz filtering, unless otherwise noted.
CURRENT CONVEYOR OFFSET ERROR
CHANGE OVER TEMPERATURE
PRODUCTION DISTRIBUTION
Current Conveyor Offset Error
Change Over Temperature (nA)
A 40nA current offset error
variation with ambient
temperature results in a
0.009
°C variation in set-
point temperature over
–40
°C to +85°C ambient.
Change in offset error from
+25
°C to +85°C, or from
+25
°C to –40°C.
CURRENT CONVEYOR OFFSET ERROR
PRODUCTION DISTRIBUTION
Current Conveyor Offset Error (nA)
This error is generally
calibrated out.
0.01Hz TO 10Hz VOLTAGE NOISE
5s/div
2
3
10
1
V
2
V
EXCITE
1V
Test Configuration
for this page.
V
1
8
7
I
1
I
2
INA330
R
G
200k
10k
10k
V
O
C
FILTER
500pF
+5V
4
2.5V
95
6


Similar Part No. - INA330AIDGST

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330AIDGST BURR-BROWN-INA330AIDGST Datasheet
245Kb / 12P
   THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
More results

Similar Description - INA330AIDGST

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330 BURR-BROWN-INA330 Datasheet
245Kb / 12P
   THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
logo
Texas Instruments
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com