Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD30ES Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # RD30ES
Description  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD30ES Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  RD30ES Datasheet HTML 1Page - EIC discrete Semiconductors RD30ES Datasheet HTML 2Page - EIC discrete Semiconductors RD30ES Datasheet HTML 3Page - EIC discrete Semiconductors RD30ES Datasheet HTML 4Page - EIC discrete Semiconductors RD30ES Datasheet HTML 5Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Test
Maximum Zener
(2)
Maximum
Current
Impedance
Reverse Current
IZT
ZZT @ IZT
IR
at VR
min.
max.
(mA)
(
Ω)
(
µA)
(V)
AB
1.88
2.20
AB1
1.88
2.10
AB2
2.02
2.20
AB
2.12
2.41
AB1
2.12
2.30
AB2
2.22
2.41
AB
2.33
2.63
AB1
2.33
2.52
AB2
2.43
2.63
AB
2.54
2.91
AB1
2.54
2.75
AB2
2.69
2.91
AB
2.85
3.22
AB1
2.85
3.07
AB2
3.01
3.22
AB
3.16
3.53
AB1
3.16
3.38
AB2
3.32
3.53
AB
3.47
3.83
AB1
3.47
3.68
AB2
3.62
3.83
AB
3.77
4.14
AB1
3.77
3.98
AB2
3.92
4.14
AB
4.05
4.53
AB1
4.05
4.26
AB2
4.20
4.40
AB3
4.34
4.53
AB
4.47
4.91
AB1
4.47
4.65
AB2
4.59
4.77
AB3
4.71
4.91
AB
4.85
5.35
AB1
4.85
5.03
AB2
4.97
5.18
AB3
5.12
5.35
AB
5.29
5.88
AB1
5.29
5.52
AB2
5.46
5.70
AB3
5.64
5.88
AB
5.81
6.40
AB1
5.81
6.06
AB2
5.99
6.24
AB3
6.16
6.40
AB
6.32
6.97
AB1
6.32
6.59
AB2
6.52
6.79
AB3
6.70
6.97
Page 2 of 5
Rev. 07 : June 10, 2014
Suffix
Zener Voltage
(1)
RD2.7ES
RD3.0ES
RD3.9ES
RD6.2ES
Type
Vz (V) at IZT
5
30
RD4.3ES
5
3.0
1.5
2.5
3.5
5
5
5
10
120
1.0
5
2
5
100
100
100
110
70
40
RD5.1ES
RD5.6ES
RD6.8ES
RD2.0ES
RD2.2ES
RD2.4ES
RD4.7ES
RD3.3ES
RD3.6ES
5
5
1.0
1.0
1.0
1.0
120
120
120
120
1.0
5
120
100
1.0
1.0
5
5
5
5
0.5
120
120
100
50
20
0.7
25
5
5
5
5
5
5
www.eicsemi.com


Similar Part No. - RD30ES

ManufacturerPart #DatasheetDescription
logo
NEC
RD30ES NEC-RD30ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD30ES

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com